Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADL5243ACPZ-R7

  • AI
    The **ADL5243ACPZ-R7** is a high-performance, digitally controlled variable gain amplifier (VGA) designed by Analog Devices. It is specifically engineered for high-frequency wireless infrastructure applications. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Digital Variable Gain Amplifier (DVGA) | | **Frequency Range** | 100 MHz to 4000 MHz | | **Gain Control Range** | 31.5 dB (0.5 dB steps) | | **Supply Voltage** | 4.75 V to 5.25 V | | **Interface** | 6-bit Serial or Parallel Control | | **Output IP3** | +40 dBm (at 2140 MHz) | | **Package** | 32-lead LFCSP (5mm x 5mm) | --- ### 2. Core Components & Internal Architecture The ADL5243 is a multi-stage device that integrates several electronic functions into a single chip to reduce PCB footprint: * **Step Attenuator:** A 6-bit digital step attenuator (DSA) provides precise gain adjustment. It allows for a total attenuation of 31.5 dB with a resolution of 0.5 dB. * **High-Linearity Amplifier:** The device includes a high-gain, high-linearity amplifier stage that ensures minimal signal distortion even at high power levels. * **Internal Matching:** Unlike many RF components that require complex external matching circuits, the ADL5243 is internally matched to 50 $\Omega$ for the majority of its operating frequency range. * **Control Logic:** It features CMOS-compatible control logic that supports both serial (SPI-like) and parallel modes for gain programming. --- ### 3. Application Use Cases Because of its high linearity and wide frequency range, it is primarily used in the following areas: 1. **Cellular Base Stations:** Used in the transmit (TX) and receive (RX) paths of 3G, 4G, and 5G infrastructure. 2. **Point-to-Point Radios:** Providing signal conditioning in microwave backhaul equipment. 3. **Automated Test Equipment (ATE):** Used to control signal levels precisely during RF component testing. 4. **Military & Aerospace:** Integrated into wideband communication systems. --- ### 4. Circuit Implementation (Example) To integrate this part, a designer typically follows this connection logic: ```c // Pseudo-code for Gain Control via SPI void set_adl5243_gain(uint8_t gain_value) { // gain_value is a 6-bit integer (0-63) // 0 = Max Attenuation, 63 = Min Attenuation digitalWrite(CS_PIN, LOW); // Select device shiftOut(DATA_PIN, CLK_PIN, gain_value); // Send gain byte digitalWrite(CS_PIN, HIGH); // Latch data } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the serial and parallel control modes in the ADL5243?
    • ⤷ How does the OIP3 performance vary across the 100 MHz to 4000 MHz frequency range?
    • ⤷ What are the recommended decoupling capacitor values for the power supply pins of this VGA?