ADEX-R10LH
AI

The **ADEX-R10LH** is a specialized electronic component, primarily known as a high-performance **PCI Express (PCIe) Extender/Riser card**. These parts are frequently used in hardware development, testing, and production environments where signal integrity and physical flexibility are required for expansion slots.
Below is a detailed breakdown of its electronic characteristics and components.
---
## 1. Core Technical Specifications
The ADEX-R10LH is designed to bridge a motherboard's PCIe slot to a peripheral card, typically in a "Left-Hand" (LH) orientation.
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCI Express (PCIe) |
| **Lane Configuration** | Typically x16 (physically), supports x1 through x16 |
| **Orientation** | Left-Hand (LH) 90-degree Angle |
| **Signal Integrity** | High-frequency impedance matching (85-100 ohms) |
| **PCB Material** | Multi-layer FR-4 with gold-plated contacts |
---
## 2. Key Electronic Components
### A. Gold Finger Connector
The "male" end of the board features **Hard Gold-Plated Fingers**.
* **Function:** Ensures low contact resistance and high durability for multiple insertions/removals.
* **Electronic Impact:** Minimizes signal attenuation at the junction between the motherboard and the riser.
### B. Decoupling Capacitors
Small Surface Mount Device (SMD) capacitors are often found near the power rails ($3.3V$ and $12V$).
* **Function:** Filters high-frequency noise from the power supply.
* **Electronic Impact:** Ensures stable voltage delivery to the connected GPU or expansion card, preventing data corruption during high-load operations.
### C. Differential Pair Routing
The PCB traces are designed as **Differential Pairs**.
* **Function:** PCIe relies on differential signaling to reject electromagnetic interference (EMI).
* **Electronic Impact:** The length of the "positive" and "negative" traces are matched exactly to prevent phase shifts (skew) in high-speed data transmission.
---
## 3. Physical & Electronic Layout
The "LH" in the part number indicates a **Left-Facing** orientation. When the motherboard is viewed horizontally, the extender bends the slot to the left.
* **90-Degree Turn:** The electronics are routed through a right-angle bend. This requires careful PCB layering to maintain signal impedance despite the physical turn.
* **Voltage Pins:** The board passes the standard PCIe power pins:
* **12V:** Main power for high-draw components.
* **3.3V:** Logic power for the card's controllers.
* **GND:** Common ground reference.
---
## 4. Common Use Cases
1. **Server Chassis:** For 1U or 2U rackmount servers where cards must lie flat to fit the height constraints.
2. **Testing Labs:** To protect the motherboard's native slot from wear and tear during frequent card swapping.
3. **Custom PC Builds:** For aesthetic vertical mounting or tight-clearance Small Form Factor (SFF) builds.
---
- ⤷
What is the difference between the 'LH' (Left-Hand) and 'RH' (Right-Hand) versions of this riser?
- ⤷ Does the ADEX-R10LH support PCIe 4.0 or 5.0 signal speeds?
- ⤷ Are there specific power limitations when using this extender for high-wattage GPUs?