Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADCMP573BCPZ-R2

  • AI
    ### Overview of the ADCMP573BCPZ-R2 The **ADCMP573BCPZ-R2** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring extremely low propagation delay and high precision, typically found in automated test equipment (ATE) and high-speed instrumentation. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Ultrafast Comparator | | **Propagation Delay** | 150 ps (typical) | | **Output Logic** | Reduced Swing PECL (RSPECL) | | **Supply Voltage** | 3.3 V to 5.2 V | | **Input Range** | -2.0 V to +3.0 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. Ultrafast Performance The standout feature of this part is its **150 ps propagation delay**. This makes it one of the fastest comparators available, suitable for detecting pulses in the gigahertz range. It also features a very low **10 ps peak-to-peak deterministic jitter**. #### 2. RSPECL Output Stage The device uses **Reduced Swing Positive Emitter-Coupled Logic (RSPECL)**. - It is designed to drive $50 \, \Omega$ terminated lines. - The reduced swing helps in lowering power consumption and reducing electromagnetic interference (EMI) compared to standard PECL. #### 3. Latch Functionality The ADCMP573 includes a latch enable input. - When the latch is transparent, the output follows the input. - When the latch is asserted, the output holds its current state regardless of changes in the input, which is critical for high-speed data acquisition systems. #### 4. Input Stage The input stage is designed for versatility, handling a wide common-mode range. It is often used in differential configurations to maintain signal integrity in noisy environments. --- ### Typical Application Circuit To interface the ADCMP573, the output must be properly terminated to a voltage source (typically $V_{CC} - 2V$) or through a Thevenin equivalent circuit. ```c // Pseudo-logic for Latch Control if (LE_Pin == HIGH) { Output = Current_Comparison; // Transparent mode } else { Output = Latched_Value; // Hold mode } ``` --- ### Common Applications * **Automatic Test Equipment (ATE):** Timing calibration and pin electronics. * **High-Speed Instrumentation:** Oscilloscope triggering and logic analyzers. * **Clock and Data Restoration:** Signal squaring and recovery in telecommunications. * **Threshold Detection:** Fast peak detection in pulse applications.
    ✨ Follow-up Questions
    • ⤷ How does RSPECL logic differ from standard LVDS in terms of termination requirements?
    • ⤷ What are the power dissipation considerations for the ADCMP573 in high-frequency designs?
    • ⤷ Can you explain the setup and hold time requirements for the latch enable function on this chip?