Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADCLK944BCPZ-R7

  • AI
    ## ADCLK944BCPZ-R7: Technical Overview The **ADCLK944BCPZ-R7** is an ultra-fast clock fanout buffer designed by Analog Devices. It is specifically engineered for high-speed signal distribution where extremely low jitter and high timing precision are required. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | 1:4 Differential Clock Fanout Buffer | | **Input Type** | Differential (supports LVPECL, CML, HSTL, SSTL, LVDS) | | **Output Type** | SiGe ECL (Emitter Coupled Logic) | | **Max Frequency** | Up to 7.0 GHz | | **Random Jitter** | 75 fs (femtoseconds) RMS | | **Propagation Delay** | 160 ps | | **Supply Voltage** | 2.5 V to 3.3 V | | **Package** | 16-lead LFCSP (3mm x 3mm) | --- ### 2. Core Features * **High-Speed Silicon Germanium (SiGe):** Built on a proprietary SiGe process to achieve multi-GHz speeds while maintaining signal integrity. * **Low Jitter:** With an additive RMS jitter of only 75 fs, it ensures that the timing uncertainty introduced by the buffer is negligible for most high-speed data converters. * **1:4 Splitter:** It takes one differential input and distributes it to four identical differential outputs, ensuring tight skew control between outputs. * **Flexible Inputs:** The inputs feature on-chip 50 $\Omega$ terminations and a center-tap for biasing, simplifying the interface with various logic families. --- ### 3. Pin Configuration & Logic The device uses **ECL (Emitter Coupled Logic)** outputs, which are known for high-speed switching and low noise. Because they are open-emitter, they require external termination resistors (typically 50 $\Omega$ to $V_{CC} - 2V$). ```markdown Internal Architecture Concept: [Input] --> [High-Speed Pre-Amp] --> [1:4 Fanout Matrix] --> [ECL Output Drivers] ``` --- ### 4. Common Applications Due to its high performance, the ADCLK944 is commonly found in: 1. **ADC/DAC Clocking:** Providing the clean sample clocks required for high-speed data converters. 2. **SONET/SDH:** High-speed optical networking synchronization. 3. **Instrumentation:** High-end oscilloscopes and signal generators. 4. **Base Stations:** Distribution of local oscillator (LO) signals in wireless infrastructure. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the ECL outputs of the ADCLK944?
    • ⤷ How does the additive jitter of 75 fs impact high-speed ADC performance?
    • ⤷ What is the difference between the ADCLK944 and the ADCLK948?