Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8617WARZ-R72

  • AI
    ## Technical Overview of the AD8617WARZ-R7 The **AD8617WARZ-R7** is a high-precision, dual-channel, rail-to-rail input and output operational amplifier (Op-Amp) manufactured by Analog Devices. It is part of the DigiTrim® technology family, which allows for very low offset voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 2.7 V to 5.0 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.5 V | | **Offset Voltage (Max)** | 800 µV | | **Gain Bandwidth Product** | 400 kHz | | **Slew Rate** | 0.1 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) | | **Automotive Grade** | AEC-Q100 Qualified | --- ### 2. Significant Features * **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails, maximizing dynamic range, which is critical in low-voltage systems. * **AEC-Q100 Qualification:** The "W" in the part number indicates it is designed and tested for automotive environments, ensuring reliability under extreme temperatures and vibrations. * **Low Power Consumption:** With a typical supply current of only 38 µA per amplifier, it is ideal for battery-powered or energy-efficient applications. * **Low Input Bias Current:** The use of CMOS inputs results in extremely low bias current, making it perfect for photodiode preamps or high-impedance sensors. --- ### 3. Part Number Decoding (AD8617WARZ-R7) Understanding the nomenclature helps in identifying the specific variant: * **AD8617:** The base model number (Low power, CMOS Op-Amp). * **W:** Automotive Grade (AEC-Q100). * **A:** Performance Grade. * **R:** Package type (R-Suffix usually denotes SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, usually containing 1,000 units). --- ### 4. Typical Applications 1. **Automotive Systems:** Battery monitoring, pedal position sensors, and climate control sensors. 2. **Portable Instrumentation:** Handheld devices requiring long battery life and precision. 3. **Sensor Interfaces:** Signal conditioning for pressure, temperature, and strain gauges. 4. **Medical Equipment:** Low-power patient monitoring devices. --- ### 5. Implementation Example Because of its low bias current, it is often used in a **Transimpedance Amplifier** configuration: ```c // Example Signal Path Logic Input: Low-level current from sensor | V [AD8617 Op-Amp] <-- Low power, high precision | V Output: Voltage signal mapped to 0V - 5V range (Rail-to-Rail) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8617 and the AD8613?
    • ⤷ How does the DigiTrim technology improve the performance of this Op-Amp?
    • ⤷ Can this part be used in a 12V automotive power environment directly?