Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8601ARTZ-R2

  • AI
    ### Overview of the AD8601ARTZ-R2 The **AD8601ARTZ-R2** is a high-precision, low-power, single operational amplifier (op-amp) manufactured by **Analog Devices**. It is part of the DigiTrim® family, which utilizes a patented trimming technique to achieve high accuracy without the need for high-cost laser trimming. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Op-Amp Type** | CMOS (Rail-to-Rail Input/Output) | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Single)** | 2.7V to 5.5V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 6 V/µs | | **Input Offset Voltage** | 500 µV (Max) | | **Input Bias Current** | 1 pA (Typical) | | **Supply Current** | 750 µA per amplifier | | **Package / Case** | SOT-23-5 (RT-5) | --- ### Key Electronic Characteristics 1. **Rail-to-Rail I/O:** This part can handle input and output signals that swing all the way to the positive and negative supply rails. This is critical for low-voltage systems (like 3V or 5V) to maximize dynamic range. 2. **DigiTrim® Technology:** This allows the chip to have very low offset voltage. Unlike standard CMOS op-amps that might drift or have high initial errors, the AD8601 is digitally trimmed at the factory for precision. 3. **Low Input Bias Current:** Because it is a CMOS-based device, the input bias current is extremely low (pico-ampere range). This makes it ideal for **photodiode preamps** or high-impedance sensor interfaces. 4. **High Speed vs. Low Power:** With an 8 MHz bandwidth and 6 V/µs slew rate, it is fast enough for audio and data acquisition, yet consumes less than 1mA of current. --- ### Typical Applications * **Portable Instrumentation:** Due to low power consumption and small SOT-23 packaging. * **Sensor Conditioning:** Interfacing with pressure sensors, strain gauges, and thermistors. * **Active Filters:** High-speed filters in battery-powered devices. * **Audio Buffering:** Low noise and rail-to-rail performance make it suitable for high-quality audio signal paths. --- ### Pin Configuration (SOT-23-5) ```text _______ OUT |1 5| V+ V- |2 | IN+ |3____4| IN- ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8601 and the AD8602 or AD8604 variants?
    • ⤷ Can the AD8601ARTZ-R2 be used in a dual-supply configuration?
    • ⤷ What are the thermal considerations for the SOT-23-5 package in high-speed applications?