Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8542ARMZ-R2

  • AI
    ## AD8542ARMZ-R2 Technical Overview The **AD8542ARMZ-R2** is a high-performance, dual-channel, rail-to-rail input and output operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for low-power applications and single-supply operations. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the AD8542ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Supply Current per Amp** | 45 µA (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Slew Rate** | 0.4 V/µs | | **Output Current** | 30 mA | | **Operating Temp Range** | -40°C to +125°C | | **Package Type** | MSOP-8 (Micro Small Outline Package) | --- ### 2. Core Functional Features * **Rail-to-Rail Input/Output (RRIO):** This allows the input and output signals to swing very close to the power supply rails (ground and Vcc), maximizing the dynamic range in low-voltage systems. * **Low Power Consumption:** With only 45 µA per amplifier, it is ideal for battery-operated devices where energy efficiency is critical. * **High Output Drive:** Despite its low power consumption, it can deliver up to 30 mA of output current, capable of driving moderate loads. * **Stability:** It is unity-gain stable, meaning it does not oscillate when used in a buffer configuration. --- ### 3. Applications and Use Cases The AD8542ARMZ-R2 is commonly utilized in the following scenarios: 1. **ASIC Input/Output Amplifiers:** Providing signal buffering for larger integrated circuits. 2. **Sensor Interfaces:** Conditioning signals from photodiode sensors or temperature sensors. 3. **Portable Instrumentation:** Used in handheld medical devices or environmental monitors. 4. **Audio Preamplification:** Low-power audio signal processing in consumer electronics. --- ### 4. Part Number Breakdown Understanding the suffix helps in sourcing the exact component: * **AD8542**: The base model number (Dual, Rail-to-Rail CMOS Op-Amp). * **ARMZ**: Indicates the package (MSOP-8) and "Z" denotes RoHS compliance (lead-free). * **R2**: Refers to the packaging format, specifically a **7-inch reel** containing 250 units (standard for small-batch automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8542 and the AD8541?
    • ⤷ How does the rail-to-rail feature impact signal distortion in 3.3V systems?
    • ⤷ Can this op-amp be used in a split-supply (+/-) configuration?