Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8426ACPZ-R7

  • AI
    ## Technical Overview of the AD8426ACPZ-R7 The **AD8426ACPZ-R7** is a high-performance, dual-channel instrumentation amplifier manufactured by **Analog Devices**. It is designed for precision signal conditioning in space-constrained applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8426: | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 independent amplifiers) | | **Architecture** | 3-Op Amp Instrumentation Amp | | **Supply Voltage Range** | Dual: ±1.35V to ±18V / Single: 2.7V to 36V | | **Gain Range** | 1 to 1000 (Set by a single resistor) | | **Bandwidth (G=1)** | 1 MHz | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB (min) at G=1 | | **Input Offset Voltage** | 200 µV (max) | | **Package Type** | LFCSP-16 (4mm x 4mm) | --- ### 2. Functional Description The AD8426 is essentially two precision instrumentation amplifiers integrated into a single chip. It is built to extract small differential signals in the presence of large common-mode noise. #### A. Gain Setting The gain is controlled by an external resistor ($R_G$). This provides flexibility for the user to scale the signal according to the following formula: $$G = 1 + \frac{49.4k\Omega}{R_G}$$ #### B. Power Efficiency Despite having two amplifiers, the device is low-power, drawing only about **350 µA per amplifier**. This makes it ideal for battery-operated medical devices or portable industrial sensors. #### C. Input Protection The device includes internal ESD protection and can handle input voltages up to **40V from the opposite supply rail** without damage, which is critical for industrial environments where voltage spikes are common. --- ### 3. Pinout and Packaging (LFCSP-16) The "ACPZ-R7" suffix refers to the package and shipping method: * **AC:** Temperature range (-40°C to +85°C). * **P:** Lead-free (RoHS compliant). * **Z:** LFCSP package. * **R7:** 7-inch Tape and Reel (usually 1,500 pieces). --- ### 4. Typical Applications * **Medical Instrumentation:** ECG/EKG monitors and patient monitoring. * **Industrial Process Control:** Bridge amplifiers for pressure or temperature sensors. * **Multi-channel Data Acquisition:** High-density boards where space is a premium. * **Precision Differential-to-Single-Ended Conversion.**
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor value for a gain of 100?
    • ⤷ What are the advantages of using a dual-channel amplifier like the AD8426 over two single-channel units?
    • ⤷ What is the importance of the exposed pad on the LFCSP-16 package?