Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8420ARMZ-R7

  • AI
    ### Overview of the AD8420ARMZ-R7 The **AD8420ARMZ-R7** is a high-performance, low-power instrumentation amplifier manufactured by **Analog Devices**. It is specifically designed to amplify small differential signals in the presence of large common-mode voltages, making it ideal for sensor interfacing and data acquisition. --- ### Key Technical Specifications The following table highlights the primary electrical characteristics of the AD8420: | Parameter | Specification | | :--- | :--- | | **Architecture** | Indirect Current Feedback | | **Gain Range** | 1 to 1000 (Set by two external resistors) | | **Supply Voltage** | 2.7 V to 36 V (Single) / ±1.35 V to ±18 V (Dual) | | **Quiescent Current** | 75 μA (Typical) | | **Common-Mode Rejection Ratio (CMRR)** | 100 dB (Minimum at G=10) | | **Input Offset Voltage** | 200 μV (Maximum) | | **Package Type** | 8-Lead MSOP (ARMZ) | | **Packing** | Tape & Reel (R7) | --- ### Critical Features and Benefits 1. **Indirect Current Feedback Topology:** Unlike traditional three-op-amp instrumentation amplifiers, the AD8420 uses a modern architecture that allows the common-mode input range to extend to (and even slightly below) the negative supply rail. 2. **Wide Supply Range:** It can operate on a single 2.7V battery or high-voltage industrial rails up to 36V, providing significant design flexibility. 3. **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range for ADC (Analog-to-Digital Converter) interfacing. 4. **Extremely Low Power:** With only 75 μA of current consumption, it is highly suitable for portable, battery-powered medical and industrial devices. --- ### Common Applications * **Medical Instrumentation:** ECG/EKG monitors and pulse oximetry. * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Precision Data Acquisition:** Interfacing low-voltage sensors to microcontrollers. * **Battery Monitoring:** High-side or low-side current sensing. --- ### Typical Connection Diagram (Conceptual) The gain ($G$) is determined by the ratio of two external resistors, $R_G$ and $R_F$: ```text V+ | [AD8420] Vin+ --| |-- Vout Vin- --| | |____| | Ref (Reference Voltage) ``` *Note: $Gain = 1 + (R_F / R_G)$* ---
    ✨ Follow-up Questions
    • ⤷How does the indirect current feedback architecture differ from traditional 3-op-amp designs?
    • ⤷ What are the specific resistor values needed to achieve a gain of 100?
    • ⤷ Can the AD8420 be used for high-side current sensing in 24V systems?