AD8202YRZ-R7
AI

The **AD8202YRZ-R7** is a high-precision, single-supply difference amplifier designed by Analog Devices. It is specifically engineered to amplify small differential voltages in the presence of high common-mode voltages.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Difference Amplifier |
| **Common-Mode Voltage Range** | -8V to +28V (at 5V supply) |
| **Supply Voltage Range** | 3.5V to 12V |
| **Gain** | Fixed at 10 V/V |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 8-SOIC (0.154", 3.90mm Width) |
| **CMRR (Min)** | 80 dB (DC to 10 kHz) |
| **Packaging** | Tape & Reel (R7) |
---
### 2. Functional Description
The AD8202 is optimized for **current sensing** applications. Its internal architecture allows it to handle voltages at its input pins that are significantly higher or lower than its own power supply voltage.
#### Core Features:
* **High Common-Mode Rejection:** It effectively ignores high-voltage noise or fluctuations on the lines, focusing only on the voltage drop across a shunt resistor.
* **Fixed Gain:** The internal resistors are laser-trimmed to provide a precise gain of 10, ensuring high accuracy without external components.
* **Automotive Qualified:** The "Y" in the part number often indicates a high-temperature grade suitable for harsh environments like engine compartments.
---
### 3. Pin Configuration (8-SOIC)
| Pin # | Name | Function |
| :--- | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | GND | Ground |
| 3 | REF | Reference Voltage (Sets the output offset) |
| 4 | NC | No Connection |
| 5 | OUT | Output Signal |
| 6 | +VS | Positive Supply |
| 7 | NC | No Connection |
| 8 | +IN | Non-inverting Input |
---
### 4. Typical Applications
The AD8202 is widely used in systems where current monitoring is critical:
* **Motor Control:** Monitoring phase currents in BLDC motors.
* **Transmission Control:** Solenoid current sensing.
* **Battery Management Systems (BMS):** Measuring charge and discharge currents.
* **Power Steering:** Precision feedback loops in EPS systems.
---
### 5. Part Number Breakdown (AD8202YRZ-R7)
* **AD8202:** Base model number.
* **Y:** Operating temperature range (-40°C to +125°C).
* **R:** Package type (SOIC).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically containing 1,000 units).
- ⤷
What is the difference between the AD8202 and the AD8206?
- ⤷ Can the AD8202 be used for high-side current sensing?
- ⤷ How does the REF pin affect the output voltage swing?