AI

The **AD8202W-KGD-R7** is a precision, high-voltage, single-supply difference amplifier specifically designed for current sensing in harsh environments. The suffix "KGD" indicates it is provided as a **Known Good Die**, meaning it is sold as an unpackaged silicon wafer chip that has been fully tested.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Type** | Difference Amplifier / Current Shunt Monitor |
| **Input Common-Mode Range** | -2 V to +65 V |
| **Supply Voltage** | 3.5 V to 12 V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Gain** | Fixed at 20 V/V |
| **CMRR (Common-Mode Rejection)** | > 80 dB (DC to 10 kHz) |
| **Form Factor** | KGD (Known Good Die) / Wafer |
---
### 2. Core Features & Architecture
* **High Side/Low Side Sensing:** Its ability to handle common-mode voltages up to 65V allows it to monitor current on the high side of a battery or motor, even when the supply voltage to the chip is much lower (e.g., 5V).
* **Precision Resistor Network:** The internal thin-film resistors are laser-trimmed, ensuring a precise gain of 20 and high rejection of common-mode noise.
* **Automotive Qualified:** The "W" in the part number signifies it is qualified for automotive applications (AEC-Q100 standards), making it highly resistant to electrical noise and thermal stress.
* **Zero-Drift Characteristics:** It is designed to maintain accuracy across a wide temperature range, which is critical for battery management systems (BMS).
---
### 3. Functional Pin/Pad Description (Die Level)
Since this is a **KGD (Known Good Die)**, the connections are made via bonding pads on the silicon surface:
1. **+IN & -IN:** These connect across a shunt resistor to measure the differential voltage (current).
2. **V+:** The positive power supply input.
3. **VOUT:** The output voltage, which is $20 \times (V_{+IN} - V_{-IN})$ referenced to the REF pin.
4. **REF:** Allows the user to offset the output voltage, enabling bidirectional current sensing.
5. **GND:** System ground.
---
### 4. Typical Applications
* **Transmission Control:** Monitoring solenoid currents.
* **Electric Power Steering:** High-precision motor current feedback.
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles.
* **Motor Control:** Phase current sensing in BLDC motors.
---
### 5. Part Number Breakdown
| Prefix/Suffix | Meaning |
|:---|:---|
| **AD8202** | Base Model Number |
| **W** | Automotive Grade |
| **KGD** | Known Good Die (Unpackaged chip) |
| **R7** | 7-inch Tape and Reel packaging |
- ⤷
What are the advantages of using a 'Known Good Die' over a standard SOIC package?
- ⤷ How does the REF pin enable bidirectional current measurement in this chip?
- ⤷ What is the maximum differential input voltage the AD8202 can handle?