Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD8155ACPZ-R7

  • AI
    ## Technical Overview of AD8155ACPZ-R7 The **AD8155ACPZ-R7** is a high-speed, digital multiplexer manufactured by **Analog Devices**. It is specifically designed for high-data-rate signaling, offering a dual-lane 2:1 multiplexer configuration or a 1:2 demultiplexer configuration. It is commonly used in telecommunications and networking infrastructure. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Function** | Dual 2:1 Mux / 1:2 Demux | | **Data Rate** | Up to 6.5 Gbps per channel | | **Supply Voltage** | 3.3V (Core) | | **Input/Output Type** | CML (Current Mode Logic) | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Operating Temp** | -40°C to +85°C | --- ### Core Electronic Components & Features #### 1. Signal Compensation (Equalization) The AD8155 includes **Receive Equalization**. This circuitry compensates for signal degradation caused by long PCB traces or transmission lines. By boosting high-frequency components of the signal, it reduces Inter-Symbol Interference (ISI) and restores the signal integrity before the switching stage. #### 2. Programmable Pre-Emphasis On the output side, the chip features programmable **Pre-emphasis**. This allows the transmitter to "overdrive" the signal transitions, ensuring that the signal reaches its destination through lossy backplanes with sufficient amplitude and timing margin. #### 3. Low Jitter Architecture The internal circuitry is optimized for low additive jitter (typically < 1 ps rms). This is critical for 6.5 Gbps operations, where the timing window (unit interval) is extremely narrow. #### 4. Control Logic The switching behavior is controlled via standard CMOS/TTL compatible pins. * **SEL Pins:** Determine which input is routed to which output. * **EN Pins:** Enable or disable specific lanes to save power when not in use. --- ### Internal Block Diagram Logic The device operates as two independent channels. Each channel can be visualized as follows: ```text Input A (6.5 Gbps) ----> [ Equalizer ] ----\ |---- [ Switch ] ----> [ Pre-emphasis ] ----> Output Input B (6.5 Gbps) ----> [ Equalizer ] ----/ ^ [ Select Logic ] ``` --- ### Typical Applications * **Backplane Switching:** Routing high-speed data between different line cards. * **Redundancy Switching:** Switching to a backup data path in case of a primary link failure. * **Fiber Optic Modules:** Managing signals between SFP+ or XFP modules and the main processor. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the AD8155 at maximum data rates?
    • ⤷ How does the programmable pre-emphasis improve bit error rates in high-speed designs?
    • ⤷ What are the PCB layout requirements for the 32-Lead LFCSP package to ensure signal integrity?