Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AD627ARZ-R7

  • AI
    The **AD627ARZ-R7** is an integrated circuit (IC) manufactured by Analog Devices. It is a micropower, rail-to-rail, instrumentation amplifier. This specific part is highly valued for its high accuracy and low power consumption in battery-powered or portable medical applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Amplifier Type** | Instrumentation | | **Voltage Supply** | 2.2V to 36V (Single); ±1.1V to ±18V (Dual) | | **Current - Supply** | 60 µA (Typical) | | **Gain Range** | 5 to 1000 (Set by 1 external resistor) | | **Output Type** | Rail-to-Rail | | **Package** | 8-SOIC (N) | | **Mounting Type** | Surface Mount | --- ### 2. Functional Description The AD627 is designed to extract small differential signals in the presence of large common-mode noise. Unlike standard operational amplifiers, it uses a unique internal architecture to provide high input impedance and high CMRR (Common Mode Rejection Ratio) even at low power levels. #### Core Internal Components: * **Input Stage:** Uses a differential pair that handles signals even when the voltage is near the negative supply rail. * **Gain Resistor ($R_G$):** Users can set the gain using a single external resistor connected across Pins 1 and 8. The formula is: $Gain = 5 + (200 k\Omega / R_G)$ * **Reference Pin (REF):** Pin 5 allows the user to "shift" the output voltage level, which is essential for interfacing with single-supply Analog-to-Digital Converters (ADCs). --- ### 3. Nomenclature Breakdown (AD627ARZ-R7) The suffix codes provide information about the packaging and environmental standards: * **AD627:** The base model number. * **A:** Performance grade (Standard grade). * **R:** Package type (SOIC - Small Outline Integrated Circuit). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch reel, typically containing 1,000 units). --- ### 4. Typical Applications 1. **Medical Instrumentation:** ECG and EEG monitors where low power and high precision are critical. 2. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 3. **Portable Data Loggers:** Used in battery-operated remote sensing devices. 4. **Low-Power Precision Systems:** Applications requiring high accuracy without draining power supplies. --- ### 5. Circuit Design Considerations * **Decoupling:** Use a 0.1 µF ceramic capacitor close to the supply pins to minimize noise. * **Input Protection:** While the AD627 has internal ESD protection, high-voltage transients in industrial environments may require external clamping diodes. * **Grounding:** A solid ground plane is recommended to maintain the high CMRR performance of the device.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor value for a gain of 100?
    • ⤷ What are the main differences between the AD627 and the AD623?
    • ⤷ Can the AD627 be used with a single 3.3V power supply?