AD22284-A-R2
AI

The **AD22284-A-R2** is a specialized high-performance dual-axis accelerometer designed primarily for automotive safety applications, such as airbag deployment and impact sensing. It is manufactured by Analog Devices and belongs to their surface-micromachined iMEMS (integrated Micro-Electro-Mechanical Systems) series.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Sensing Axes** | Dual Axis (X and Y) |
| **Measurement Range** | ±35 g / ±35 g |
| **Output Type** | Analog (Voltage proportional to acceleration) |
| **Sensitivity** | 55 mV/g (typical) |
| **Operating Voltage** | 4.75V to 5.25V |
| **Supply Current** | 6 mA (max) |
| **Package Type** | 8-Lead CLCC (Ceramic Leadless Chip Carrier) |
| **Operating Temperature** | -40°C to +105°C |
---
### 2. Functional Core Components
The device integrates several critical electronic sections onto a single monolithic chip:
#### A. Sensor Structure (MEMS)
The chip contains a polysilicon surface-micromachined structure (the "proof mass") suspended over a silicon wafer by springs. When acceleration occurs, the mass deflects, changing the capacitance between the fixed plates and plates attached to the moving mass.
#### B. Signal Conditioning
- **Demodulator:** Converts the capacitive changes into a voltage signal.
- **Amplifier:** Boosts the signal to a usable level (mV/g).
- **Low-pass Filter:** Pre-configured to suppress high-frequency noise and mechanical resonance, ensuring signal integrity for safety-critical decisions.
#### C. Self-Test Circuitry
The device includes a digital self-test pin. When activated, an electrostatic force is applied to the sensor beam to simulate a mechanical load, allowing the system to verify that both the mechanical and electronic parts are functioning correctly.
---
### 3. Pin Configuration (Typical)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | ST | Self-Test Input |
| 2 | YOUT | Analog output for Y-axis |
| 3 | XOUT | Analog output for X-axis |
| 4 | VSS | Ground |
| 5 | NC | No Connection |
| 6 | NC | No Connection |
| 7 | VDD | Positive Supply Voltage (5V) |
| 8 | NC | No Connection |
---
### 4. Application Context
The "R2" suffix typically denotes the packaging format (Reel size). Because of its high reliability and specific G-range (±35g), this part is almost exclusively used in:
* **SRS (Supplemental Restraint Systems):** Airbag control units.
* **Vehicle Dynamics:** High-impact detection.
* **Industrial Vibration:** Monitoring heavy machinery where high-G events occur.
- ⤷
What are the main differences between the AD22284 and the AD22285 models?
- ⤷ How does the self-test pin technically verify the MEMS structure?
- ⤷ What are the PCB layout recommendations for reducing noise in the analog output?