Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AC906-16G-RWH

  • AI
    The **ADATA AC906-16G-RWH** is a 16GB USB 2.0 Flash Drive. While it is marketed as a consumer lifestyle product (the "Classic Series"), its internal electronic architecture follows standard NAND flash storage principles. --- ### Core Electronic Components The device operates using a simple but effective architecture consisting of three primary electronic segments: | Component | Function | Description | | :--- | :--- | :--- | | **USB 2.0 Connector** | Interface | Physical Type-A male connector providing 4 pins (VCC, GND, D+, D-). | | **NAND Flash Memory** | Storage | A non-volatile 16GB multi-level cell (MLC) or triple-level cell (TLC) chip. | | **Mass Storage Controller** | Processing | The "brain" that manages data flow, error correction (ECC), and wear leveling. | | **Crystal Oscillator** | Clocking | Provides the 12MHz or 48MHz frequency needed for data synchronization. | --- ### Technical Specifications The internal circuitry is designed for compatibility and stability rather than high-speed performance. * **Interface:** USB 2.0 (High Speed). * **Operating Voltage:** 4.5V to 5.5V (Standard USB VCC). * **Power Consumption:** Low-power CMOS design (typically <100mA during read/write). * **Logical Addressing:** Handled by the controller to map physical NAND blocks to logical sectors for the OS. --- ### Design Features 1. **Form Factor:** The "RWH" in the model name stands for **White**. The electronics are housed in a snap-on plastic casing with a cap-clip design on the back to prevent loss. 2. **Plug and Play:** The controller contains firmware that supports the USB Mass Storage Class (MSC), meaning no external drivers are required for Windows, Mac, or Linux. 3. **Data Integrity:** The internal controller utilizes basic **Error Correction Code (ECC)** to detect and fix bit flips that occur naturally in NAND flash over time. --- ### Summary of Performance | Feature | Detail | | :--- | :--- | | **Read Speed** | Approximately 10-15 MB/s | | **Write Speed** | Approximately 3-6 MB/s | | **Durability** | Solid-state (no moving parts) | | **Compatibility** | Backward compatible with USB 1.1 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between USB 2.0 and USB 3.0 in terms of internal pins?
    • ⤷ How does wear leveling extend the life of this flash drive?
    • ⤷ What is the typical lifespan of 16GB NAND flash memory?