ABGW101-R
AI

The **ABGW101-R** is a specific model within a series of industrial control switches, typically manufactured by **IDEC**. It belongs to the **TW series** of 22mm pilot devices.
Below is a breakdown of its electronic and mechanical parts, specifications, and construction.
---
### 1. General Specifications
The ABGW101-R is a **Momentary Pushbutton Switch** designed for industrial panels.
| Feature | Specification |
| :--- | :--- |
| **Series** | TW Series (Heavy Duty) |
| **Mounting Hole** | 22mm |
| **Button Shape** | Mushroom Head (40mm diameter) |
| **Action** | Momentary (Spring Return) |
| **Color** | Red (R) |
| **Contact Configuration** | 1NC (Normally Closed) |
---
### 2. Key Electronic & Mechanical Parts
The device is modular, consisting of three primary sections:
#### A. The Operator (Actuator)
* **Mushroom Head:** A large, 40mm red plastic cap designed for easy hitting or palm operation.
* **Bezel:** Usually made of chrome-plated zinc or high-impact plastic (depending on the specific sub-variant) to secure the device to the panel.
* **Spring Mechanism:** A heavy-duty internal spring that ensures the button returns to its original position immediately after being released.
#### B. The Contact Block (The Electronic Core)
The "101" in the part number signifies the contact arrangement.
* **Contacts:** This model typically features **1NC (Normally Closed)** contacts.
* **Rating:** These contacts are designed for industrial AC/DC loads.
* *AC-15 (Control of AC electromagnetic loads):* Typically 120V/6A or 240V/3A.
* *DC-13 (Control of DC electromagnets):* Typically 125V/1.1A.
* **Terminal Screws:** Includes M3.5 terminal screws with captive wire clamps for secure electrical connection.
#### C. Mounting & Sealing
* **Locking Ring:** A threaded nut that secures the unit from the back of the panel.
* **Gasket:** An oil-tight/watertight rubber gasket that ensures an **IP65** or **NEMA 4/4X/13** rating when properly installed.
---
### 3. Application Use Cases
Because of the **Normally Closed (1NC)** configuration and the **Red Mushroom** head, this part is most commonly used for:
* **Stop Commands:** To break a circuit and stop a machine process.
* **Safety Interlocks:** Used in control circuits where the default state must be "closed" to allow operation.
* **Manual Alerts:** Initiating a signal when the button is depressed.
---
### 4. Technical Drawing Representation
```text
[ Mushroom Head ] <-- User Interface
|
[ Metal Bezel ] <-- Panel Mount Point
|
[ Spring/Stem ] <-- Mechanical Transfer
|
[ Contact Block ] <-- Electrical Terminals (1NC)
```
- ⤷
What is the difference between ABGW101-R and ABGW110-R?
- ⤷ Can the contact blocks be stacked or replaced on this model?
- ⤷ What is the maximum voltage rating for the TW series contact blocks?