Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AB250-R

  • AI
    The **AB250-R** typically refers to a high-performance **Automatic Voltage Regulator (AVR)** manufactured by Kutai Electronics, specifically designed for use with Shindaiwa or similar large-scale industrial generators. It is a critical electronic component that ensures the output voltage of the generator remains stable regardless of the load. --- ### Core Electronic Specifications The following table summarizes the primary electrical characteristics of the AB250-R: | Component Feature | Specification / Value | | :--- | :--- | | **Input Voltage** | 190 ~ 260 VAC (1 Phase, 2 Wire) | | **Output Voltage** | Max 90 VDC @ 240 VAC input | | **Current (Continuous)** | 5 Amps | | **Current (Intermittent)** | 7 Amps for 10 seconds | | **Regulation Accuracy** | < ±1% (with 4% engine governing) | | **Voltage Build-up** | Residual voltage at AVR terminal > 5 VAC | --- ### Key Internal Modules and Functions The AB250-R is composed of several specialized electronic circuits: #### 1. Sensing & Power Input This circuit monitors the output voltage of the generator. It compares the actual voltage to a pre-set reference point. If the voltage drops (due to a heavy motor starting), this module signals the system to increase power. #### 2. PWM Control (Pulse Width Modulation) Most modern AVRs like the AB250-R use **PWM** to regulate the field excitation. By switching the transistors on and off at very high speeds, it controls the average DC voltage sent to the exciter stator. #### 3. Protection Mechanisms * **Under-Frequency Roll-Off (UFRO):** Protects the generator engine. If the engine speed (RPM) drops, the AVR reduces the output voltage to prevent the generator from "bogging down" or overheating the excitation system. * **EMI Suppression:** Internal filters designed to prevent electromagnetic interference from affecting sensitive electronics nearby. --- ### External Interface (Terminal Connections) To integrate the AB250-R into a generator system, it utilizes a series of terminals: 1. **Sensing Input:** Connected to the main stator to monitor output. 2. **Power Input:** Usually tapped from the auxiliary winding or the main output. 3. **Excitation Output (F+, F-):** Sends the regulated DC current to the exciter field. 4. **External Potentiometer:** Terminals for an external knob to allow manual voltage adjustment from the control panel. --- ### Common Replacement Scenarios If a generator output is too high, too low, or fluctuating wildly, the electronic components (capacitors or the power transistor) within the AB250-R may have failed. Because the unit is **potted (sealed in resin)** for vibration and moisture resistance, it is generally replaced as a single module rather than repaired at the component level.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the UFRO settings on an AB250-R?
    • ⤷ What are the common symptoms of a failing AVR in a Shindaiwa generator?
    • ⤷ Can the AB250-R be used with brushless and brush-type alternators?