Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AAB-R

  • AI
    It appears you are referring to the **AAB-R** series, which is a specific designation often associated with **Automotive Relay** components or specific **Alarm/Access Control Board** modules. Depending on the context (Industrial vs. DIY electronics), the electronic parts and internal architecture generally consist of the following components: --- ### 1. Core Internal Components If the AAB-R is being used as a **Relay Module**, its internal anatomy includes: | Component | Function | Material/Type | | :--- | :--- | :--- | | **Electromagnetic Coil** | Creates a magnetic field when energized to move the contacts. | Copper wire winding | | **Armature** | The moving part that opens or closes the circuit. | Ferromagnetic metal | | **Contacts** | The actual points that touch to conduct high current. | Silver alloy or Tungsten | | **Spring Mechanism** | Returns the armature to its default position when power is cut. | High-tensile steel | | **Yoke** | Provides a low-reluctance path for magnetic flux. | Soft iron | --- ### 2. Circuitry and Integration Modern AAB-R units (especially those integrated into boards) include "Support Electronics" to protect the driving circuit: * **Flyback Diode (Freewheeling Diode):** Placed across the coil to prevent voltage spikes from damaging the controller when the relay is turned off. * **Transistor/MOSFET:** Acts as a switch to allow a low-power signal (from an MCU) to trigger the high-power relay coil. * **LED Indicators:** Often integrated to show the status (Active/Inactive) of the relay. * **Terminals:** Heavy-duty screw terminals (COM, NO, NC) for high-voltage load connections. --- ### 3. Technical Specifications (Typical) Electronic parts in the AAB-R series are rated based on their endurance and capacity: | Parameter | Common Rating | | :--- | :--- | | **Coil Voltage** | 12V DC or 24V DC | | **Switching Current** | 10A to 40A (depending on model) | | **Contact Resistance** | < 100mΩ | | **Insulation Resistance** | > 100MΩ | | **Life Expectancy** | ~100,000 electrical operations | --- ### 4. Schematic Logic The electronic flow follows this path: 1. **Input:** A low-voltage signal enters the PCB. 2. **Activation:** The transistor saturates, allowing current to flow through the **Coil**. 3. **Mechanical Action:** The magnetic field pulls the **Armature**. 4. **Output:** The **Common (COM)** contact moves from **Normally Closed (NC)** to **Normally Open (NO)**, completing the high-power circuit.
    ✨ Follow-up Questions
    • ⤷ What is the specific application or brand of your AAB-R module?
    • ⤷ How do you test if the coil in an AAB-R relay is still functional?
    • ⤷ What is the difference between the NO and NC terminals on this part?