A101K1CWCQ0Q
AI

## Analysis of Component A101K1CWCQ0Q
The part number **A101K1CWCQ0Q** refers to a high-quality, miniature toggle switch manufactured by **TE Connectivity / Alcoswitch** (or formerly under the Gemini series). It is designed for PCB mounting and features environmental sealing.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-NONE-ON |
| **Current Rating** | 5A @ 120VAC / 28VDC; 2A @ 250VAC |
| **Mounting Type** | Through Hole (PC Tail) |
| **Actuator Style** | Locking Lever (K1 Style) |
| **Bushing Type** | Threaded with Water-tight Seal (CW) |
| **Contact Material** | Silver (Q) |
| **Termination** | Solder Lead / PC Pin |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the switch's build:
1. **A1**: Series designation (Gemini Series Miniature Toggle).
2. **01**: Circuit Function (SPDT, On-On).
3. **K1**: Actuator Style (specifically a **locking lever** which prevents accidental switching).
4. **CW**: Bushing style (Large, threaded, and **environmentally sealed** with an internal O-ring).
5. **Q**: Contact Material (Silver - ideal for power applications).
6. **0**: Standard RoHS compliance/Finish code.
7. **Q**: Final packaging/Termination identifier.
---
### 3. Key Electronic & Mechanical Features
* **Locking Lever Mechanism:** The "K1" actuator requires the user to pull the lever up before it can be moved to the other position. This is a safety feature used in critical applications to prevent bumping the switch into the wrong state.
* **Environmental Sealing (Splash Proof):** The "CW" designation indicates that the switch is sealed against moisture and dust at the panel interface. It typically meets **IP67** standards for the front panel.
* **Contact Performance:** Using silver contacts allows for a higher current capacity (up to 5 Amps) compared to gold-plated versions, which are usually reserved for low-current logic levels.
---
### 4. Common Applications
Due to its locking nature and environmental sealing, this part is commonly found in:
* **Industrial Control Panels:** Where accidental operation could cause machine damage.
* **Outdoor Equipment:** Where exposure to rain or splashing water is likely.
* **Medical Devices:** Where settings must remain fixed during patient movement.
* **Aerospace/Defense:** For toggle functions that must remain secure under vibration.
- ⤷
What is the difference between silver and gold contacts for this switch series?
- ⤷ Can this switch be mounted on a standard breadboard?
- ⤷ What is the physical dimensions of the 'K1' locking lever?