A-USB-5-R
AI

The **A-USB-5-R** is a specific electronic component manufactured by **Assmann WSW Components**. It is a standard **USB 2.0 Type A Female Connector** designed for Through-Hole mounting on Printed Circuit Boards (PCBs).
---
## 1. Technical Specifications
The following table outlines the core electronic and mechanical parameters of the A-USB-5-R:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB 2.0 Type A (Female/Receptacle) |
| **Mounting Type** | Through-Hole (THT), Right Angle |
| **Number of Contacts** | 4 Pins |
| **Current Rating** | 1.0A to 1.5A per contact |
| **Voltage Rating** | 30V AC/DC |
| **Contact Resistance** | 30 mΩ Max |
| **Insulation Resistance** | 1000 MΩ Min |
| **Operating Temp** | -55°C to +85°C |
---
## 2. Component Pinout
Standard USB 2.0 Type A connectors use a 4-pin configuration. On the A-USB-5-R, the pins serve the following functions:
1. **VCC (+5V):** Power supply.
2. **D-:** Data negative.
3. **D+:** Data positive.
4. **GND:** Ground.
*Note: The outer metal shield provides structural stability and EMI/RFI grounding.*
---
## 3. Key Electronic Features
### Right-Angle Orientation
The "R" in the part number typically denotes a **Right-Angle** configuration. This means the USB cable will be inserted parallel to the PCB surface. This is the standard orientation found on the sides of laptops or the back of desktop motherboards.
### Shielding and Durability
* **Shell Material:** Usually Tin-plated Copper Alloy or Steel, which protects the signal from electromagnetic interference (EMI).
* **Mating Cycles:** Designed to withstand roughly 1,500 to 5,000 insertion/extraction cycles.
* **Solder Tails:** Features kinked or straight leads to hold the part in place on the PCB during the wave soldering process.
---
## 4. Typical Applications
The A-USB-5-R is commonly found in:
* **Computer Peripherals:** Keyboards, mice, and printers.
* **Embedded Systems:** Arduino or Raspberry Pi-style boards for data communication or 5V power input.
* **Charging Ports:** Wall adapters and power banks.
* **Industrial Control:** PLC interfaces and data logging equipment.
- ⤷
What are the PCB footprint dimensions for the A-USB-5-R?
- ⤷ How does the A-USB-5-R compare to a USB 3.0 Type A connector in terms of pin count?
- ⤷ What is the recommended soldering temperature for this THT component?