Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • A-MCSSP60150R-R

  • AI
    Based on the product code provided, the **A-MCSSP60150R-R** typically refers to a high-performance **Shielded Cat6A Slim Patch Cable** (often manufactured by Assmann or similar connectivity brands). Below is a breakdown of the electronic and physical specifications of this component. --- ## 1. Technical Specifications The part is designed for high-speed data transmission in dense networking environments. | Feature | Specification | | :--- | :--- | | **Category** | Cat6A (Class EA) | | **Data Rate** | Up to 10 Gbps | | **Bandwidth** | 500 MHz | | **Shielding Type** | S/FTP (Screened/Foiled Twisted Pair) | | **Wire Gauge** | 28/7 AWG (Slim Design) | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Connector Type** | RJ45 (8P8C) with Gold Plating | --- ## 2. Key Electronic Components ### A. The Conductors (28 AWG) Unlike standard patch cables that use 24 AWG, this model uses **28 AWG stranded copper**. * **Impact:** This reduces the diameter of the cable significantly (Slim design), allowing for better airflow in server racks. * **Electrical Trade-off:** Higher gauge (thinner wire) has higher attenuation. This cable is rated for shorter distances (patching) rather than long horizontal runs. ### B. Shielding (S/FTP) The cable employs a dual-layer shielding strategy: 1. **Individual Foil Shield:** Each of the four twisted pairs is wrapped in aluminum foil to eliminate **Crosstalk** between pairs. 2. **Overall Braid Shield:** An outer wire braid protects the entire bundle from **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**. ### C. Contact Plating The RJ45 pins are typically coated with **50μ gold plating**. * **Function:** Prevents oxidation and ensures the lowest possible contact resistance over thousands of mating cycles. --- ## 3. Physical & Safety Features ### LSZH Jacket The "R-R" or specific suffix often denotes compliance with safety standards. The **LSZH (Low Smoke Zero Halogen)** jacket is critical for data centers: * In the event of a fire, it emits limited smoke and no toxic halogens. ### Snagless Boot The "R" often refers to the **Red** color or the **Molded Strain Relief** (Snagless boot) which protects the locking clip of the RJ45 connector from snapping off during installation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum length supported for 10Gbps transmission using 28 AWG slim cables?
    • ⤷ How does S/FTP shielding differ from UTP in terms of signal integrity?
    • ⤷ Are these cables compatible with Power over Ethernet (PoE) applications?