Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • A-HDF44LL-WP-R

  • AI
    ## Technical Analysis: A-HDF44LL-WP-R The **A-HDF44LL-WP-R** is a high-density D-Sub connector designed for specialized electronic and industrial applications. This part is characterized by its high pin count, waterproof rating, and specific physical orientation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | D-Sub, High Density (HD) | | **Pin Count** | 44 Pins | | **Gender** | Female (Receptacle) | | **Orientation** | Right-Angle (90 degree) | | **Mounting Type** | PCB Through-hole | | **Waterproof Rating** | IP67 / IP68 (Standard for "WP" suffix) | | **Termination** | Solder Tail | | **RoHS Status** | Compliant (Indicated by "-R") | --- ### 2. Detailed Electronic & Physical Components #### A. Contact Design * **High Density (HD):** Unlike standard D-Sub connectors which have two rows, the 44-pin HD version uses **three rows** of pins packed into a standard 25-pin shell size. * **Plating:** Typically features gold-plated contacts to ensure low contact resistance and prevent oxidation in harsh environments. #### B. Waterproofing (WP Series) * **Internal O-Ring:** Features a silicone or rubber O-ring inside the flange to prevent water ingress through the mounting panel. * **Epoxy Sealing:** The rear side of the connector (where the pins meet the plastic housing) is often potted with epoxy to prevent moisture from traveling through the contact points to the internal circuitry. #### C. Mechanical Housing * **Right-Angle (LL):** The "LL" or "L" designation usually refers to the lead length or the 90-degree bend, allowing the connector to be mounted on the edge of a PCB while facing outward. * **Shell Material:** Usually made of Nickel-plated steel or Brass, providing EMI/RFI shielding. --- ### 3. Application Use Cases Due to its waterproof nature and high signal density, this part is commonly found in: 1. **Marine Electronics:** External sensors or communication displays exposed to spray. 2. **Industrial Automation:** Machinery interfaces in wash-down environments. 3. **Outdoor Telecommunications:** Data transmission boxes mounted on towers or walls. 4. **Medical Equipment:** Devices requiring frequent sanitization or liquid exposure protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for this 44-pin connector?
    • ⤷ Does this model require a specific torque for the panel mounting screws to maintain its IP rating?
    • ⤷ Are there specific footprint diagrams available for the PCB layout of the A-HDF44LL-WP-R?