Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 8V-R

  • AI
    Based on your query, it appears you are referring to the **8V-R**, which is commonly identified in electronic components as a **Fixed Voltage Regulator** (often part of the 78xx series, specifically the **7808**) or a specific **SMD marking code** for diodes or transistors. Below is a breakdown of the most common electronic parts associated with the "8V" or "8V-R" designation. --- ### 1. 7808 Voltage Regulator (8V Output) The most common "8V" part is the L7808 series. The "R" often signifies the package type (like DPAK/TO-252) or a specific manufacturer suffix. | Feature | Specification | | :--- | :--- | | **Component Type** | Linear Voltage Regulator | | **Output Voltage** | +8V DC | | **Input Voltage (Min)** | 10.5V DC | | **Input Voltage (Max)** | 35V DC | | **Output Current** | Up to 1.5A (with heat sink) | | **Common Package** | TO-220, TO-252 (DPAK), SOT-223 | --- ### 2. SMD Marking Codes (8V-R) In surface-mount technology (SMT), parts are too small for full names. The code **8V** followed by a suffix like **R** often identifies specific diodes or transistors: * **Zener Diodes:** Often used to denote an 8.2V Zener diode (where the V acts as a decimal point or series identifier). * **Schottky Diodes:** Some manufacturers use "8V" to identify specific high-speed switching diodes. --- ### 3. Key Electronic Characteristics Regardless of the specific physical form, an 8V-R component generally performs one of these two functions: #### A. Voltage Regulation The device takes a fluctuating higher voltage (e.g., 12V from a battery) and "clips" it down to a steady 8V. * **Protection:** Usually includes internal thermal overload protection. * **Stability:** Requires capacitors on the input and output pins to prevent oscillation. #### B. Transient Suppression (If a Diode) If the part is a Zener diode marked 8V, it protects sensitive circuits by shunting excess voltage to the ground once the threshold exceeds 8V. --- ### 4. Basic Pinout (For 7808 Regulator) If you are looking at a standard 3-pin regulator: ```text _______ | 8V-R | |_______| | | | 1 2 3 | | | IN GND OUT ``` 1. **Input (IN):** Unregulated DC voltage. 2. **Ground (GND):** Common reference point. 3. **Output (OUT):** Regulated 8V DC. ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific brand like STMicroelectronics or Texas Instruments?
    • ⤷ Is this part in a large TO-220 package or a tiny surface-mount (SMD) package?
    • ⤷ What is the specific application or circuit where you found this component?