Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 88C58L-AF5-R

  • AI
    The **88C58L-AF5-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Voltage Regulator** or a specific **Voltage Detector/Reset IC**, often manufactured by UTC (Unisonic Technologies) or similar vendors. Below is a detailed breakdown of its specifications, pinout, and functional characteristics. --- ### 1. General Overview The 88C58L series is primarily designed for monitoring power supply voltages in microprocessor systems. It ensures that the system is reset or held in a safe state when the power supply falls below a specific threshold. | Feature | Specification | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 5.8V (indicated by '58') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Accuracy** | ±2% | | **Output Type** | CMOS or Open Drain (depending on specific suffix) | | **RoHS Status** | Halogen Free / Lead Free (indicated by 'R') | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant: * **88C**: Series identifier (Voltage Detector). * **58**: Threshold Voltage (5.8V). * **L**: Low power consumption / Lead-free indicator. * **AF5**: Package code (SOT-23-5). * **R**: Tape and Reel packaging. --- ### 3. Pin Configuration (SOT-23-5) The device typically follows a standard 5-pin layout for voltage detectors: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **Vout** | Reset Output (Active Low or High) | | 2 | **Vdd** | Supply Voltage / Input Voltage | | 3 | **Vss** | Ground (GND) | | 4 | **NC / CD** | No Connection or Delay Capacitor (model dependent) | | 5 | **NC** | No Internal Connection | --- ### 4. Technical Characteristics * **Ultra-Low Current Consumption:** Usually in the range of $1\mu A$ to $3\mu A$, making it ideal for battery-operated devices. * **Hysteresis Characteristics:** Typically 5% of the detection voltage to prevent "chattering" or rapid switching when the voltage fluctuates near the threshold. * **Operating Voltage Range:** Can typically handle inputs from 1.0V to 10V or higher depending on the specific fabrication process. --- ### 5. Application Circuit Example To use this part, a pull-up resistor is often required if the output is "Open Drain." ```c // Typical Connection Logic [Vdd Supply] ----+---- [Vdd Pin 2] | [Pull-up Resistor] | +---- [Vout Pin 1] ----> [MCU Reset Pin] | [GND] -----------+---- [Vss Pin 3] ``` --- ### 6. Common Applications * Microprocessor reset circuitry. * Battery life monitors. * Power failure detection. * Non-volatile RAM write protection. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the CMOS and Open Drain output versions of this IC?
    • ⤷ Can this part be used for 3.3V systems
    • ⤷ or is it strictly for 5.8V?
    • ⤷ What are the recommended alternatives if the 88C58L is out of stock?