8536SHO2V07H30S
AI

The **8536SHO2V07H30S** is a specific model number for a **Square D (Schneider Electric) NEMA Magnetic Starter**. These devices are used in industrial applications to start and stop motors while providing overload protection.
Below is a breakdown of the electronic and electromechanical components based on the model nomenclature.
### Component Breakdown (Nomenclature)
| Code | Component Category | Description |
| :--- | :--- | :--- |
| **8536** | **Product Type** | NEMA Type S Non-Reversing Magnetic Starter. |
| **S** | **Size** | NEMA Size 6 (Rated for heavy industrial motor loads). |
| **H** | **Enclosure Type** | Open (No specialized box, intended for panel mounting). |
| **O** | **Design Type** | Type S starter configuration. |
| **2** | **Poles** | 3-Pole configuration (standard for 3-phase AC motors). |
| **V07** | **Coil Voltage** | 550V AC @ 50Hz / 600V AC @ 60Hz control circuit. |
| **H30** | **Overload Relay** | Solid-state Motor Logic™ overload relay (Class 10/20). |
| **S** | **Special Feature** | Separate control circuit (isolated from power lines). |
---
### Key Technical Specifications
#### 1. The Contactor (Electromechanical)
The heart of the 8536 series is the NEMA Size 6 contactor.
- **Current Rating:** Rated for up to 540 Amperes (continuous).
- **Power Rating:** Typically supports motors up to 400 HP at 460/575V.
- **Silver-Cadmium Contacts:** Designed for high conductivity and resistance to welding under high-inrush currents.
#### 2. The Coil (V07)
The coil is the electronic component that pulls the contacts closed when energized.
- **Voltage:** 600V AC.
- **Function:** Uses electromagnetic induction to move the armature. The "S" suffix indicates the coil is powered by a separate source rather than tapping off the main power lines.
#### 3. Solid-State Overload Relay (H30)
Unlike older "melting alloy" heaters, the **H30** designation refers to a **Motor Logic™ Solid-State Overload Relay**.
- **Accuracy:** Electronic sensing provides higher accuracy than thermal bi-metallic strips.
- **Adjustability:** Features a dial to set the Full Load Amps (FLA) of the specific motor.
- **Protection:** Includes phase loss protection and selectable trip classes (10 or 20).
---
### Summary of Features
* **Non-Reversing:** Moves the motor in one direction only.
* **NEMA Rated:** Built for durability and long life cycles compared to lighter IEC-rated starters.
* **Modular Design:** The overload relay and auxiliary contacts can be replaced or upgraded without replacing the entire starter.
- ⤷
What is the difference between a NEMA Size 6 and an IEC rated starter?
- ⤷ How do I wire the separate control circuit (S suffix) for this starter?
- ⤷ Can the H30 solid-state relay be adjusted for different motor trip speeds?