8536SHO2V05
AI

The **8536SHO2V05** is a specific model of a NEMA-rated magnetic motor starter manufactured by **Schneider Electric (Square D)**. It is part of the Type S product line, designed for across-the-line starting and stopping of AC motors.
Below is the breakdown of its electronic and electromechanical components.
---
## 1. Technical Specifications Overview
This starter is a **NEMA Size 6** device, which is designed for heavy-industrial applications involving high horsepower.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Schneider Electric (Square D) |
| **Product Type** | Magnetic Motor Starter (Type S) |
| **NEMA Size** | Size 6 |
| **Pole Configuration** | 3-Pole (3-Phase) |
| **Continuous Ampere Rating** | 540 Amperes |
| **Control Voltage (Coil)** | 440V AC @ 50Hz / 480V AC @ 60Hz |
| **Overload Type** | Melting Alloy (Thermal) |
| **Enclosure Type** | Open (No cabinet included) |
---
## 2. Key Electronic & Electromechanical Parts
### A. The Magnetic Coil (V05 Designation)
The "V05" suffix indicates the specific voltage rating of the electromagnetic coil.
* **Function:** When energized, the coil creates a magnetic field that pulls the main contacts closed, completing the circuit to the motor.
* **Voltage:** 480V AC at 60Hz.
* **Duty:** Continuous duty, designed to hold the contacts under significant mechanical tension.
### B. Power Contacts (Stationary and Movable)
* **Material:** Typically silver-cadmium oxide or similar alloys to resist welding and arc erosion.
* **Action:** These are heavy-duty copper busbars designed to handle up to 540A of current.
### C. Thermal Overload Relay
The **8536** series uses a block to hold "Thermal Units" (heaters).
* **Technology:** Melting Alloy (Solder pot).
* **Protection:** It monitors the heat generated by the current flowing to the motor. If the current stays too high for too long, the alloy melts, releasing a spring-loaded mechanism that trips the control circuit.
* **Note:** Heaters are usually sold separately based on the specific Full Load Amps (FLA) of the motor being used.
### D. Auxiliary Contacts
* **Function:** These are smaller contacts used for control logic (e.g., lighting a "Run" lamp on a panel or signaling a PLC).
* **Configuration:** Typically comes with one Normally Open (N.O.) holding circuit contact.
---
## 3. Identification Nomenclature
To understand the part number breakdown:
| Code | Meaning |
| :--- | :--- |
| **8536** | NEMA Magnetic Starter |
| **S** | Type S (Square D Series) |
| **H** | NEMA Size 6 (Large Industrial Size) |
| **O** | Open Type (No enclosure) |
| **2** | 3-Pole |
| **V05** | 480V 60Hz / 440V 50Hz Coil |
---
## 4. Maintenance and Safety
* **Arc Chutes:** Large NEMA Size 6 starters feature arc chutes that contain and extinguish the electrical arc created when the contacts open under load.
* **Replacement Parts:** Because this is a Size 6 starter, the contact kits and coils are replaceable items, extending the life of the unit without needing to replace the entire frame.
- ⤷
What is the maximum horsepower rating for a NEMA Size 6 starter at 480V?
- ⤷ Can this starter be converted to use an electronic solid-state overload relay?
- ⤷ How do I select the correct thermal units (heaters) for this specific starter?