8536SHO2V02SX22
AI

The **8536SHO2V02SX22** is a specific configuration of a NEMA-rated magnetic motor starter from the Square D (Schneider Electric) Type S line. These devices are used to start and stop electric motors while providing thermal overload protection.
### 1. Breakdown of the Model Number
Understanding the specific parts requires decoding the nomenclature:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **8536** | Type | NEMA Magnetic Motor Starter |
| **S** | Series | Type S Series (Compact design) |
| **H** | NEMA Size | Size 3 (Handles up to 50 HP @ 460V) |
| **O** | Enclosure | Open Style (No metal box; intended for panel mounting) |
| **2** | Number of Poles | 3-Pole (Standard for 3-phase motors) |
| **V02** | Coil Voltage | 120V AC, 60Hz / 110V AC, 50Hz |
| **S** | Auxiliary Contact | One Normally Open (N.O.) Holding Circuit Contact |
| **X22** | Special Feature | **2 NO / 2 NC** Additional Auxiliary Contacts |
---
### 2. Core Electronic and Mechanical Components
#### A. The Magnetic Contactor
The heart of the unit. It consists of:
* **The Coil (V02):** An electromagnetic solenoid. When 120V is applied, it creates a magnetic field that pulls the power contacts shut.
* **Power Contacts:** Heavy-duty silver-alloy points designed to carry the high amperage required by a Size 3 motor (up to 90 Amps continuous).
#### B. The Overload Relay
This unit includes a **Melting Alloy Overload Relay**.
* **Function:** It monitors the current drawn by the motor. If the current stays too high for too long, the heat melts a specialized solder alloy inside a "thermal unit" (heater), which trips a mechanical switch to cut power to the coil.
* *Note:* Heaters are sold separately based on the Motor's Full Load Amps (FLA).
#### C. Auxiliary Contacts (X22)
The "X22" suffix indicates this unit is modified with extra signaling switches.
* **Purpose:** These do not power the motor. Instead, they send signals to PLCs, pilot lights, or other starters.
* **Configuration:** You have two Normally Open (closes when the motor starts) and two Normally Closed (opens when the motor starts) contacts.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 90 Amperes |
| **Phase** | 3-Phase |
| **Max Voltage** | 600V AC |
| **Control Voltage** | 120V AC (Standard Control Circuit) |
| **Mounting** | Vertical Panel Mount |
| **Reset Type** | Manual Reset (on the overload block) |
---
### 4. Typical Applications
* **Industrial Pumps:** High-capacity water or chemical pumps.
* **Conveyor Systems:** Heavy-duty belts requiring integrated signaling (via X22 contacts) for jams or status.
* **HVAC Blowers:** Large scale commercial air handling units.
---
- ⤷
How do I select the correct thermal unit heaters for this starter?
- ⤷ What is the difference between an Open Style and a NEMA 1 enclosure for this model?
- ⤷ Can the 120V coil be replaced with a 240V or 480V coil if needed?