Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 8502SCO2V07_V01

  • AI
    The **8502SCO2V07_V01** is a specific configuration of a NEMA Type Magnetic Contactor from the Square D (Schneider Electric) Type S line. These devices are used primarily for switching power to electric motors or heavy inductive loads. Below is a breakdown of the electronic and electromechanical components of this part. --- ## 1. Technical Specifications This part number identifies a specific size, pole configuration, and coil voltage. | Feature | Specification | | :--- | :--- | | **Series** | Type S (NEMA Style) | | **NEMA Size** | 1 (Rated for up to 27A) | | **Number of Poles** | 3-Pole (3-Phase) | | **Voltage Rating** | 600V AC Maximum | | **Coil Voltage** | 550V AC @ 50Hz / 600V AC @ 60Hz | | **Enclosure Type** | Open (No external box) | --- ## 2. Key Electronic & Mechanical Components ### A. The Magnetic Coil (V07 / V01) The "V07" and "V01" suffixes refer to the **Coil Voltage**. * **Function:** When energized, the coil creates an electromagnetic field that pulls the armature down, closing the power contacts. * **Electronic Property:** It is an inductive load. In this specific model, it is designed for high-voltage industrial control circuits (600V). ### B. Power Contacts * **Material:** Usually silver-cadmium oxide or similar alloys to resist welding and arcing. * **Operation:** These are "Normally Open" (NO). When the coil is de-energized, springs force the contacts apart to break the circuit. ### C. The Armature and Magnet Frame * **Construction:** Made of laminated steel sheets to reduce **Eddy Current** losses and heat. * **Shading Coils:** Small copper loops embedded in the magnet face to prevent "chatter" or humming by maintaining a continuous magnetic pull during AC zero-crossings. ### D. Auxiliary Contacts (Optional) * While the base model is a 3-pole contactor, these units often feature internal or add-on auxiliary contacts used for logic signaling (e.g., telling a PLC that the motor is running). --- ## 3. Part Number Decoder Understanding the specific nomenclature helps in identifying the electronic limits: | Segment | Meaning | | :--- | :--- | | **8502** | Type S Magnetic Contactor (Non-Reversing) | | **S** | NEMA Size 1 (up to 7.5 HP at 230V, 10 HP at 460V) | | **C** | Designates the physical form factor/series | | **O** | Open Type (requires installation in a panel) | | **2** | 3-Pole configuration | | **V07 / V01** | **V07:** 550/600V AC coil | --- ## 4. Typical Wiring Diagram Logic ```mermaid graph TD A[L1/L2/L3 Power In] --> B[8502SCO2 Contactor] B --> C[T1/T2/T3 Power Out to Motor] D[Control Transformer 600V] -- Energizes --> E[Coil Terminals A1/A2] E -- Pulls --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a NEMA rated contactor like this and an IEC rated contactor?
    • ⤷ Can the coil on this unit be replaced with a 120V version if needed?
    • ⤷ Does this model include integrated overload protection or is that a separate component?