Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 8502SCO2V02S_V01

  • AI
    The **8502SCO2V02S** and its variants (like V01) refer to **Square D (Schneider Electric) NEMA Type Magnetic Contactors**. These are industrial-grade electromechanical devices used primarily for switching power to electric motors or other high-current loads. --- ## 1. Breakdown of Part Number & Specifications The part number identifies the physical and electrical characteristics of the device: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **8502** | Product Series | NEMA Type S Magnetic Contactor | | **S** | Device Size | NEMA Size 1 (Rated for approx. 27A - 30A) | | **CO** | Configuration | 3-Pole (Typical for 3-phase AC systems) | | **2** | Enclosure Type | Open Style (No external metal box, intended for panel mounting) | | **V02S / V01** | **Coil Voltage** | V01 = 24V 60Hz / V02S = 120V 60Hz (Special coil code) | --- ## 2. Key Electronic & Mechanical Components The device operates using electromagnetic induction to move internal contacts. Below are the primary components: ### A. The Electromagnetic Coil * **Function:** The "brain" of the contactor. When voltage (e.g., 24V for V01) is applied, it creates a magnetic field. * **Construction:** Thousands of turns of fine copper wire wrapped around a plastic bobbin. * **Electronic Signature:** It has a specific **Inrush VA** (power needed to close) and **Sealed VA** (power needed to stay closed). ### B. Stationary and Movable Contacts * **Material:** Usually silver-cadmium oxide or similar alloys to resist "welding" and arcing. * **Function:** These physically touch to complete the circuit. In a 3-pole unit, there are three sets for high-voltage power. ### C. The Armature and Springs * **Armature:** An iron core that is pulled toward the coil when energized. * **Return Spring:** Ensures that when power is cut to the coil, the contacts snap open immediately to prevent arcing and disconnect the load. ### D. Arc Chutes / Suppressors * **Function:** When high-power contacts open, an electrical arc forms. The housing is designed with "chutes" to stretch and extinguish the arc quickly to prevent damage to the electronics. --- ## 3. Difference Between V01 and V02S The suffix is the most critical part for electronic compatibility: 1. **V01:** Designed for low-voltage control circuits (**24VAC @ 60Hz**). Common in modern PLC-controlled systems where safety voltages are preferred. 2. **V02S:** Designed for standard control power (**120VAC @ 60Hz**). The "S" often denotes a separate control lead or a specific variation in the coil's electrical footprint. --- ## 4. Technical Performance Summary | Feature | Specification (Size 1) | | :--- | :--- | | **Current Rating** | 27 Amperes | | **Phase** | 3-Phase | | **Horsepower Rating** | 7.5 HP @ 230V / 10 HP @ 460V | | **Mounting** | Panel Mount (Open) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in wiring between a V01 and V02S coil?
    • ⤷ Can this contactor be used with a 24VDC control signal?
    • ⤷ How do I add an auxiliary contact to this Square D model?