AI

The **79L08ACD-R1** is a fixed-voltage negative linear regulator. It is part of the "79Lxx" series, which is the low-current counterpart to the standard 79xx series. This specific component is designed to provide a stable **-8V** output from a higher negative input voltage.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | -8V DC |
| **Output Current** | Up to 100mA |
| **Input Voltage (Max)** | -30V to -35V |
| **Dropout Voltage** | Typically 1.7V |
| **Package Type** | SOIC-8 (Surface Mount) |
| **Operating Temperature** | 0°C to +125°C |
---
### 2. Functional Characteristics
* **Negative Voltage Regulation:** Unlike the 78xx series (positive), this device regulates negative rails. This is essential for dual-supply operational amplifiers or bipolar circuits.
* **Protection Features:**
* **Internal Thermal Overload Protection:** Shuts down the device if it gets too hot.
* **Short Circuit Current Limiting:** Protects the IC from damage if the output is grounded.
* **Low Current Output:** The "L" in the part number signifies "Low Power," meaning it is limited to 100mA, making it ideal for signal processing rather than driving heavy loads.
---
### 3. Pin Configuration (SOIC-8 Package)
In the SOIC-8 package, the pinout is often non-standard compared to TO-92 versions. It is critical to consult the specific datasheet for the manufacturer (e.g., STMicroelectronics or TI).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Output** | Regulated -8V DC |
| 2, 3, 6, 7 | **GND** | Ground/Common Reference |
| 4 | **NC** | No Connection (usually) |
| 8 | **Input** | Unregulated Negative Input Voltage |
---
### 4. Typical Application Circuit
To ensure stability and reduce noise, capacitors must be used.
```
Input (-12V) ----[ C1: 0.33uF ]----( Input Pin )
|
[ 79L08 Regulator ]
|
Output (-8V) ----[ C2: 0.1uF ]----( Output Pin )
|
Ground ----------------------------( GND Pins )
```
* **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter.
* **C2 (Output Capacitor):** Improves transient response and ensures loop stability.
---
### 5. Common Use Cases
1. **Analog Circuits:** Providing a negative rail for Op-Amps (e.g., +/- 8V rails).
2. **Data Acquisition:** Low-noise power for ADCs and DACs.
3. **Industrial Controls:** Localized on-card regulation to eliminate noise distributed over long wires.
---
- ⤷
What is the difference between the 79L08 and the standard 7908 regulator?
- ⤷ Can I use a positive voltage regulator to create a negative rail?
- ⤷ What happens if the input voltage drops below -9.7V?