AI

The **79L06ACD-R1** is a specialized electronic component primarily used for voltage regulation. Specifically, it belongs to the "79Lxx" series, which are **negative fixed-voltage regulators**.
Below is a detailed breakdown of its specifications, pinout, and typical applications.
---
## 1. Core Specifications
The 79L06 is designed to take a fluctuating negative input voltage and provide a stable, constant negative output.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | -6.0V DC |
| **Max Output Current** | 100mA |
| **Max Input Voltage** | -30V to -35V |
| **Package Type** | SOIC-8 (Surface Mount) |
| **Polarity** | Negative |
| **Operating Temperature** | 0°C to +125°C |
---
## 2. Key Features
* **Internal Current Limiting:** Protects the device if the load draws too much power.
* **Thermal Shutdown:** The device will turn itself off if it exceeds safe operating temperatures.
* **Low Quiescent Current:** It consumes very little power internally, making it efficient for small circuits.
* **Short Circuit Protection:** Safeguards the regulator and the rest of the PCB from accidental shorts.
---
## 3. Pin Configuration (SOIC-8)
In the SOIC-8 package variant (indicated by the "D" in the part number), the pinout typically follows this structure:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | V-OUT | Regulated -6V output |
| **2, 3, 6, 7** | GND | Ground connection |
| **4** | NC | No internal connection |
| **8** | V-IN | Unregulated negative input voltage |
---
## 4. Typical Application Circuit
To ensure stability and reduce noise, capacitors are required at the input and output.
```c
(Unregulated In) ---[ 0.33uF Cap ]--- ( Pin 8: V-IN )
|
[ 79L06 Regulator ]
|
(Regulated -6V) ---[ 0.1uF Cap ]--- ( Pin 1: V-OUT )
```
---
## 5. Common Use Cases
* **Dual Power Supplies:** Used alongside a 78L06 (positive regulator) to create a $\pm$6V rail for Operational Amplifiers (Op-Amps).
* **Analog Circuits:** Providing clean, low-noise power to sensitive audio or sensor equipment.
* **Communication Equipment:** Regulation for RS-232 or other communication protocols requiring negative bias.
- ⤷
What is the difference between the 79L06 and the standard 7906 regulator?
- ⤷ Can I use a 79L06 for a positive voltage application?
- ⤷ How do I calculate the heat dissipation requirements for this SOIC-8 package?