78L06ACD-R1
AI

The **78L06ACD-R1** is a fixed-output positive voltage regulator belonging to the popular 78Lxx series. It is designed to provide a stable 6V output for low-current applications.
---
### ## Technical Specifications
Below are the primary electrical characteristics for the 78L06ACD-R1:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 6.0 V |
| **Input Voltage (Max)** | 30 V |
| **Output Current (Max)** | 100 mA |
| **Quiescent Current** | ~3 mA to 5 mA |
| **Package Type** | SOIC-8 (Small Outline Integrated Circuit) |
| **Operating Temperature** | 0°C to +125°C |
| **Dropout Voltage** | ~1.7 V (Typical) |
---
### ### Key Features
1. **Short-Circuit Protection:** Includes internal current limiting to prevent the device from burning out during a fault.
2. **Thermal Overload Protection:** The device will shut down if the internal junction temperature exceeds safe limits.
3. **Safe-Area Compensation:** Ensures the output transistor operates within safe limits under varying load/voltage conditions.
4. **Low Noise:** Provides a cleaner DC signal compared to switching regulators, making it ideal for sensitive analog circuits.
---
### ### Typical Application Circuit
To ensure stability and filter out noise, external capacitors are recommended.
```c
Input (7.7V - 20V) ----[In 78L06 Out]---- Output (6V)
| |
Cin Cout
| |
GND ---------------------|-------|--------- GND
/*
Cin: 0.33 uF (Ceramic or Tantalum)
Cout: 0.1 uF (Ceramic)
*/
```
---
### ### Pin Configuration (SOIC-8 Package)
Note: In the SOIC-8 version of the 78L06, pins are often grouped to help with heat dissipation.
* **Pin 1:** Output Voltage
* **Pins 2, 3, 6, 7:** Ground (GND)
* **Pin 8:** Input Voltage
* **Pins 4, 5:** No Connection (NC) or Ground (Check specific manufacturer datasheet as this can vary).
---
### ### Common Use Cases
* **Local On-Card Regulation:** Eliminating noise distribution problems associated with single-point regulation.
* **Sensor Power Supply:** Providing steady 6V to analog sensors.
* **Consumer Electronics:** Used in low-power handheld devices, toys, and remote controls.
- ⤷What is the minimum input voltage required for the 78L06 to function correctly?
- ⤷ How does the SOIC-8 package handle heat compared to the TO-92 version?
- ⤷ Can this regulator be used for negative voltage applications?