Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 78L05ACD-R1

  • AI
    The **78L05ACD-R1** is a popular low-power linear voltage regulator. It belongs to the 78Lxx series, designed to provide a stable +5V output from a higher unregulated DC input voltage. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | +5.0 V | | **Output Current (Max)** | 100 mA | | **Input Voltage (Max)** | 30 V to 35 V | | **Dropout Voltage** | ~1.7 V (Minimum $V_{in}$ should be ~7V) | | **Package Type** | SOIC-8 (Surface Mount) | | **Operating Temperature** | 0°C to +125°C | --- ### 2. Pin Configuration (SOIC-8 Package) Unlike the standard 3-pin TO-92 package, the SOIC-8 version utilizes multiple pins for heat dissipation or specific routing. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Vout** | Regulated +5V output | | **2, 3, 6, 7** | **GND** | Ground (Commonly tied together for heat sinking) | | **4** | **NC** | No Connection | | **5** | **NC** | No Connection | | **8** | **Vin** | Unregulated Input Voltage | --- ### 3. Key Features * **Internal Current Limiting:** Protects the device from drawing too much current. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits. * **Low Quiescent Current:** Efficient for small-signal applications. * **Short Circuit Protection:** Safeguards the IC and the downstream components. --- ### 4. Typical Application Circuit To ensure stability and reduce noise, capacitors are required at the input and output. ```text Input (7V-20V) 78L05 Output (+5V) (+) ----o-----------[ Vin Vout ]----------o---- (+) | [ GND ] | [C1] [ ] [C2] | | | (-) ----o----------------o-----------------o---- (-) C1: 0.33uF Ceramic (Filter input noise) C2: 0.1uF Ceramic (Improve transient response) ``` --- ### 5. Common Use Cases 1. **Microcontrollers:** Providing steady 5V power to logic chips (Atmel, PIC, etc.). 2. **Sensor Power:** Powering low-current analog or digital sensors. 3. **Local Regulation:** On-card regulation to eliminate noise issues associated with single-point regulation in large systems. 4. **Reference Voltage:** Acting as a stable reference for ADC circuits.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the 78L05 and the standard 7805?
    • ⤷ How do I calculate the power dissipation for this SOIC-8 package?
    • ⤷ Can I use this regulator for an input voltage higher than 30V?