5ST10-R
AI

## Overview of the 5ST10-R Fuse
The **5ST10-R** is a specific model of miniature glass tube fuse. It belongs to the **5ST series**, which is widely recognized in the electronics industry for providing reliable overcurrent protection in various circuits.
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the 5ST10-R:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | 5ST10-R |
| **Current Rating** | 10 Amperes (10A) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Miniature Glass Tube |
| **Response Characteristic** | Time-Lag (Slow Blow) |
| **Dimensions** | 5mm x 20mm |
| **Termination Style** | Cartridge (Ferrule) |
| **Breaking Capacity** | 100A @ 250V AC |
| **Compliance** | RoHS Compliant, Lead-Free |
---
### 2. Functional Characteristics
#### Time-Lag (Slow Blow) Mechanism
The "T" in the series designation often signifies "Time-Lag." Unlike "Fast-Acting" fuses, the 5ST10-R is designed to withstand temporary surges in current (inrush current) that occur when devices like motors or large capacitors power on. It will only blow if the overcurrent persists beyond a specific threshold.
#### Physical Construction
* **Tube:** High-quality glass, allowing for visual inspection of the fuse element.
* **Caps:** Nickel-plated brass end caps for high conductivity and corrosion resistance.
* **Filament:** A coiled or weighted wire designed to melt at a specific thermal energy level ($I^2t$).
---
### 3. Common Applications
The 5ST10-R is typically found in:
1. **Consumer Electronics:** Power supplies for televisions, audio amplifiers, and computers.
2. **Industrial Equipment:** Control panels and small motor circuits.
3. **Chargers:** Battery charging stations where initial plug-in currents are high.
4. **Appliances:** Microwave ovens and coffee makers.
---
### 4. Safety and Replacement Notes
* **Orientation:** Fuses are non-polarized and can be installed in either direction within a 5x20mm fuse holder.
* **Replacement:** Always replace a 5ST10-R with a fuse of the same current (10A) and voltage (250V) rating. Replacing a "Slow Blow" fuse with a "Fast-Acting" fuse may cause the circuit to blow unnecessarily during startup.
- ⤷
What is the difference between the 5ST and 5SF fuse series?
- ⤷ Can a 250V fuse be used in a 125V circuit safely?
- ⤷ How do I test if a 5ST10-R fuse is blown using a multimeter?