5PBY
AI

The term **"5PBY"** refers to a specific **marking code** typically found on small-outline electronic components. In the electronics industry, because parts like SOT-23 packages are too small to print a full manufacturer part number, codes are used instead.
Based on electronic component databases, the marking **5PBY** most commonly identifies the following part:
### Part Identification: TLV70018DDCR
The code `5PB` is the primary device identifier, while the `Y` (or the fourth character) usually acts as a **Date/Lot Code** (indicating the year or month of manufacture).
---
### 1. Technical Specifications
This component is a **Low-Dropout (LDO) Linear Regulator**. Below are its primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Texas Instruments (TI) |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.0V to 5.5V |
| **Output Current** | 200 mA |
| **Dropout Voltage** | 175 mV (Typical at 200mA) |
| **Package Type** | SOT-23-5 (or SOT-5) |
| **Quiescent Current** | 31 µA (Very Low) |
---
### 2. Pinout Configuration (SOT-23-5)
If you are looking at the component on a PCB, the 5 pins are generally mapped as follows:
1. **IN**: Input voltage supply.
2. **GND**: Ground.
3. **EN**: Enable (High = On, Low = Shutdown).
4. **NC/FB**: No Connection or Feedback (on fixed versions, usually NC).
5. **OUT**: Regulated 1.8V output.
---
### 3. Key Features and Applications
* **High PSRR:** It has a high Power Supply Rejection Ratio, making it excellent for noise-sensitive analog circuits.
* **Stability:** It is stable with very small ceramic output capacitors (0.1µF).
* **Common Uses:**
* Mobile phones and tablets.
* ZigBee and Bluetooth modules.
* Low-power handheld medical devices.
* Camera sensor power supplies.
---
### 4. How to Read the Code
When identifying these parts, remember:
* **5PB**: The device family (TLV70018).
* **Y**: The assembly site or date code (this changes based on when/where it was made).
---
- ⤷
How do I test if a 5PBY (TLV70018) chip is functioning correctly using a multimeter?
- ⤷ What are the common alternatives or equivalents to the TLV70018 regulator?
- ⤷ Can this component handle an input voltage higher than 5.5V?