5HT400-R
AI

The **5HT400-R** is a high-performance **Silicon Controlled Rectifier (SCR)** or Thyristor module, typically used in industrial power control applications. It is designed to handle high current and high voltage loads.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Key Technical Specifications
The "400" in the model number generally refers to its current rating, while the "R" often signifies the mechanical configuration (such as reverse polarity or a specific stud/module mount).
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **IT(AV)** | 400A | Average Forward Current |
| **VDRM / VRRM** | 800V - 1600V | Repetitive Peak Off-State / Reverse Voltage |
| **ITSM** | ~8000A - 10000A | Non-repetitive Surge Peak Current |
| **VGT** | 2.5V - 3.0V | Gate Trigger Voltage |
| **IGT** | 150mA - 200mA | Gate Trigger Current |
| **Package Type** | Stud Mount / Capsule | Heavy-duty industrial housing |
---
## 2. Internal Electronic Structure
The 5HT400-R is a **four-layer (P-N-P-N) semiconductor** device. It acts as a bistable switch that conducts when the gate receives a current pulse and continues to conduct as long as the device is forward-biased.
### Core Components:
* **Anode:** The positive terminal where current enters.
* **Cathode:** The negative terminal where current exits.
* **Gate:** The control terminal used to "fire" (turn on) the device.
* **Heat Sink Interface:** Given the 400A rating, the physical casing is designed for high thermal conductivity to dissipate heat generated during conduction.
---
## 3. Operating Principles
1. **Forward Blocking:** The device remains OFF even if a forward voltage is applied, until a pulse reaches the Gate.
2. **Triggering:** Once the Gate current ($I_{GT}$) exceeds the threshold, the SCR switches to the ON state.
3. **Conduction:** It maintains conduction with very low internal resistance until the current drops below the "Holding Current" ($I_H$).
4. **Commutation:** To turn the device OFF, the current must be reduced to near zero or the polarity must be reversed (usually via the AC cycle).
---
## 4. Common Applications
Due to its high current capacity, the 5HT400-R is found in the following electronic systems:
* **Phase Control:** Used in AC dimmers and industrial motor speed controllers.
* **Rectification:** Converting high-current AC to DC in electrolytic processes or battery chargers.
* **Soft Starters:** Reducing inrush current in large industrial motors.
* **Static Switching:** Replacing mechanical contactors in high-vibration environments.
---
## 5. Circuit Implementation Example
A typical firing circuit for an SCR module like the 5HT400-R often uses a **DIAC** or a **UJT (Unijunction Transistor)** to provide a clean pulse to the gate.
```markdown
[AC Source] ---- [5HT400-R Anode]
|
[Gate Control Circuit]
|
[Load] --------- [5HT400-R Cathode]
```
---
- ⤷
What is the maximum operating temperature for the 5HT400-R?
- ⤷ How does the 'R' suffix change the mounting compared to a standard model?
- ⤷ What are the recommended cooling methods for a 400A SCR module?