5ET3-R
AI

The **5ET3-R** refers to a high-performance **Crystal Oscillator (XO)** manufactured by **TXC Corporation**. It belongs to their 5E series of differential output oscillators, commonly used in high-speed networking and telecommunications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the 5ET3-R series:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Package Size** | 7.0 x 5.0 x 1.6 mm (SMD Package) |
| **Frequency Range** | 13.5 MHz to 220 MHz |
| **Supply Voltage (Vdd)** | 2.5V or 3.3V |
| **Frequency Stability** | ±25 ppm, ±50 ppm (Typical) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Phase Jitter** | < 1 ps (Integrated 12 kHz to 20 MHz) |
---
### 2. Functional Components
The 5ET3-R is more than just a crystal; it is an integrated circuit assembly consisting of:
* **Quartz Crystal Blank:** The mechanical resonator that provides the base frequency.
* **Oscillator IC:** An ASIC that drives the crystal and converts the signal into a differential LVPECL output.
* **Voltage Regulator:** Internal circuitry to maintain stability despite minor power supply fluctuations.
* **Tri-state Function:** Pin 1 usually supports an "Enable/Disable" function, allowing the output to go into a high-impedance state for power saving or testing.
---
### 3. Application Areas
Due to its low jitter and differential signaling (which reduces electromagnetic interference), the 5ET3-R is used in:
1. **Fiber Channel & Ethernet:** 10G, 40G, and 100G networking equipment.
2. **Server Storage:** SAS/SATA interfaces and PCI Express clocks.
3. **Base Stations:** Cellular infrastructure requiring precise timing.
4. **Optical Modules:** SFP+, QSFP, and CFP transceivers.
---
### 4. Pin Configuration (Typical 6-Pin Layout)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 1 | OE or NC | Output Enable or No Connection |
| 2 | NC | No Connection |
| 3 | GND | Ground |
| 4 | OUT | Positive Output |
| 5 | OUTN | Complementary (Negative) Output |
| 6 | Vdd | Supply Voltage |
- ⤷What is the difference between LVPECL and LVDS outputs in oscillators?
- ⤷ How do I interpret the full part numbering code for TXC oscillators?
- ⤷ What are the PCB layout recommendations for high-frequency differential oscillators?