Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 581A331L-R5000

  • AI
    Based on the part number **581A331L-R5000**, this component typically refers to a specialized **Power Inductor** or a magnetic component often associated with industrial electronics or power management modules. Below is a breakdown of the technical specifications and characteristics typical of this series. --- ### 1. Component Identification | Category | Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor / SMT Inductor | | **Packaging** | Reel (Indicated by R5000 - typically 5000 units per reel) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | DC-DC Converters, Voltage Regulator Modules (VRM) | --- ### 2. Key Technical Features * **High Current Handling:** Designed to manage significant current loads without saturating the magnetic core. * **Low DCR (DC Resistance):** Minimized internal resistance to reduce power loss and heat generation, improving overall efficiency. * **Shielded Construction:** Most inductors in this class feature magnetic shielding to prevent Electromagnetic Interference (EMI) with surrounding sensitive circuits. * **Compact Footprint:** Engineered for high-density PCB layouts where space is a premium. --- ### 3. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually follows this logic: 1. **581A:** Series designator (Physical dimensions and core material). 2. **331:** Inductance value. The "331" translates to **330 µH** (33 followed by one zero). 3. **L:** Tolerance or specific material grade (often ±15% or ±20%). 4. **R5000:** Tape and Reel packaging quantity (5000 pieces). --- ### 4. Typical Applications These parts are commonly found in the following environments: * **Consumer Electronics:** Power supply filtering for laptops and tablets. * **Telecommunications:** Base station power management. * **Industrial:** LED drivers and motor control circuits. * **Automotive:** Infotainment systems and sensor power regulation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 581A series footprint?
    • ⤷ Does this component meet AEC-Q200 standards for automotive use?
    • ⤷ What is the saturation current rating for the 330 µH version?