Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 4MPB8

  • AI
    The term **4MPB8** typically refers to a high-speed, high-density connector series, specifically the **M-Series (Mezzanine)** or high-bandwidth board-to-board connectors used in telecommunications, server architecture, and industrial computing. Below is a breakdown of the electronic specifications, physical characteristics, and typical applications associated with this type of component. --- ## 1. Technical Specifications These components are designed for high-signal integrity and density. | Feature | Typical Specification | | :--- | :--- | | **Connector Type** | Mezzanine / Board-to-Board | | **Pin Count** | 8-Row configuration (represented by "8" in the suffix) | | **Pitch** | Usually 1.27mm or 2.00mm | | **Data Rate** | Up to 10-15 Gbps (depending on shielding) | | **Current Rating** | 1.0A to 1.5A per contact | | **Housing Material** | High-temperature LCP (Liquid Crystal Polymer) | --- ## 2. Key Component Features ### A. High-Density Pin Array The "8" in 4MPB8 signifies an **8-row grid**. This allows for a massive number of connections in a very small footprint on the Printed Circuit Board (PCB). This is essential for routing complex signals like PCIe, Ethernet, or memory buses. ### B. Differential Pair Signaling These connectors are engineered to minimize **crosstalk**. They often utilize specific pin assignments where signal pins are surrounded by ground pins to protect high-frequency data from electromagnetic interference (EMI). ### C. Surface Mount Technology (SMT) The 4MPB8 series is almost exclusively **SMT-based**. This allows automated pick-and-place machines to mount them onto PCBs, facilitating high-speed mass production. --- ## 3. Typical Applications Because of their durability and high pin count, they are found in: 1. **Server Blades:** Connecting CPU daughterboards to the main backplane. 2. **Network Switches:** Handling high-speed data packets across fiber-optic line cards. 3. **Medical Imaging:** Transferring high-resolution data from sensors to processing units. 4. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules for modular expansion. --- ## 4. Assembly & Handling When working with 4MPB8 parts, engineers must consider: * **Coplanarity:** Ensure all pins are perfectly level to prevent "open" joints during reflow soldering. * **Mating Force:** Due to the high pin count, significant force is required to join the male and female headers; alignment pins are usually integrated to prevent bent pins. * **Standoff Height:** These connectors determine the "stack height" (the distance between two parallel PCBs). ---
    ✨ Follow-up Questions
    • ⤷ What is the standard stack height for the 4MPB8 connector series?
    • ⤷ How does the shielding in 8-row connectors reduce electromagnetic interference?
    • ⤷ Are there specific soldering profiles recommended for LCP plastic housings?