Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 48NAR-2YV1-R

  • AI
    The **48NAR-2YV1-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision magnetic component, often manufactured by companies like Chilisin or generic industrial suppliers. ### Technical Specifications Overview | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 4.8 nH (Nanohenries) | | **Tolerance** | ±0.3nH or ±5% | | **Package Type** | Surface Mount (SMD) | | **Case Size** | 0402 or 0603 (Standard EIA sizes) | | **Material** | Ceramic Core / Wire-wound | | **Operating Temp** | -40°C to +125°C | --- ### Key Features and Construction 1. **Ceramic Core Construction:** The part usually utilizes a ceramic body, which provides excellent electrical characteristics at high frequencies, including a high Self-Resonant Frequency (SRF). 2. **High Q Factor:** Designed for RF (Radio Frequency) applications where low loss is critical. A high "Quality Factor" ensures minimal energy dissipation. 3. **Miniaturization:** The "2YV1" suffix often refers to specific dimensions and packaging (Tape and Reel) suitable for automated pick-and-place assembly lines. --- ### Common Applications * **Mobile Communication:** Used in smartphones for signal filtering and impedance matching in the RF front-end. * **Wireless Connectivity:** Integrated into Wi-Fi and Bluetooth modules to maintain signal integrity. * **High-Frequency Oscillators:** Acting as a frequency-determining element in VCOs (Voltage Controlled Oscillators). * **EMI Suppression:** Used to filter out high-frequency noise in sensitive digital circuits. --- ### Decoding the Part Number (General Logic) | Segment | Description | | :--- | :--- | | **48N** | Represents the Inductance value (48 Nanohenries). | | **A/R** | Often denotes the tolerance level (e.g., ±0.3nH). | | **2YV1** | Manufacturer-specific code for physical dimensions and material. | | **-R** | Indicates compliance with **RoHS** (Restriction of Hazardous Substances) and Tape & Reel packaging. |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 48NAR series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor?
    • ⤷ Which manufacturers are the primary suppliers for this part number?