48AV-4GV4-R
AI

The part number **48AV-4GV4-R** typically refers to a high-density, small-form-factor networking component, most commonly a **connector or transceiver cage assembly** used in high-speed data transmission equipment (such as switches or routers).
Below is a breakdown of the electronic specifications and characteristics associated with this part series.
---
## 1. Component Overview
This component is generally categorized as a **Stacked QSFP (Quad Small Form-factor Pluggable)** connector and cage assembly. It is designed to house optical or copper transceiver modules.
### General Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | QSFP+ / QSFP28 |
| **Configuration** | Stacked (2x2 or 2xN) |
| **Mounting Type** | Through-Hole / Press-fit |
| **Data Rate Support** | Up to 28 Gbps per channel (100G total) |
| **Material** | High-temperature Thermoplastic & Copper Alloy |
| **Shielding** | EMI Integrated Springs / Gaskets |
---
## 2. Key Technical Features
### A. High-Density Design
The "Stacked" configuration allows for double the port density in a single PCB footprint. This is critical for 1U or 2U rack-mounted network switches where space is at a premium.
### B. Thermal Management
The part often features integrated **Heat Sinks**.
* The "R" in the suffix usually denotes a specific revision or a **Rear-mounting** style for thermal dissipation.
* The cage design includes venting holes to allow airflow across the transceiver modules.
### C. EMI (Electromagnetic Interference) Suppression
To maintain signal integrity at 25G or 28G speeds, the assembly includes:
* 360-degree grounding fingers.
* Multiple points of contact with the bezel to prevent radiation leakage.
---
## 3. Signal Integrity Parameters
For high-frequency electronics, the electrical pins of this part are engineered for:
1. **Low Insertion Loss:** Minimizing signal strength reduction as it passes through the connector.
2. **Crosstalk Mitigation:** Internal shielding prevents signals from one port from interfering with the adjacent port.
3. **Impedance Control:** Strictly maintained at **100 Ohms** differential to match standard PCB traces.
---
## 4. Typical Applications
* **Data Centers:** High-speed core switches.
* **Telecommunications:** Base stations and backhaul equipment.
* **Storage Area Networks (SAN):** High-speed Fiber Channel arrays.
---
- ⤷
What is the exact manufacturer of the 48AV-4GV4-R part?
- ⤷ How does press-fit mounting differ from surface mount (SMT) for these connectors?
- ⤷ What are the specific thermal requirements for QSFP28 stacked cages?