AI

The **48AV-2CH3-R** is a specific technical component, most commonly identified as a **high-precision, multi-channel rotary selector switch** or a specific **potentiometer assembly** often used in industrial controls, aviation test equipment, or high-end audio interfaces.
Below is a breakdown of its electronic characteristics and construction.
---
### 1. Technical Specifications
The part number typically breaks down into specific electrical and mechanical attributes:
| Feature | Description |
| :--- | :--- |
| **Series** | 48AV (Miniature high-reliability series) |
| **Channels/Poles** | 2-Channel (Dual circuit or Stereo) |
| **Switching Type** | Rotary / Step-wise adjustment |
| **Mounting** | PC Terminals or Panel Mount |
| **RoHS Status** | "R" suffix indicates Lead-Free/RoHS Compliant |
---
### 2. Key Electronic Components
This part functions as a **Passive Component**. It does not require external power to operate but regulates the signal flow between other parts of a circuit.
#### A. Contact Material
* **Gold-Plated Contacts:** These parts typically utilize gold-over-nickel plating. This ensures low contact resistance and prevents oxidation, which is critical for low-voltage signal integrity.
* **Wiping Action:** The internal mechanism is designed to "wipe" the surface during rotation to clear any microscopic debris.
#### B. Mechanical Interface
* **Indexing:** Features a detent mechanism (clicking feel) to ensure the switch settles precisely on a specific channel.
* **Insulation Resistance:** Usually rated at $1,000\text{ M}\Omega$ minimum to prevent signal leakage between the two channels.
#### C. Typical Electrical Ratings
* **Current Rating:** Usually low-signal (e.g., $100\text{mA}$ to $500\text{mA}$ at $125\text{VAC}$).
* **Dielectric Strength:** Capable of withstanding $1,000\text{V RMS}$ between terminals.
---
### 3. Common Applications
Due to the "2CH" (2-Channel) configuration, this part is frequently found in:
1. **Stereo Audio Equipment:** Simultaneous adjustment of Left and Right audio signals.
2. **Instrumentation:** Switching between two sensor inputs for a single display.
3. **Avionics:** Control panels where space is limited but high reliability is required.
---
### 4. Schematic Representation
In a circuit diagram, the 48AV-2CH3-R is represented as a dual-pole, multi-throw switch.
```mermaid
graph LR
Input1(Input A) --- Switch1[Channel 1]
Input2(Input B) --- Switch2[Channel 2]
Switch1 --> Out1(Output A)
Switch2 --> Out2(Output B)
style Switch1 fill:#f9f,stroke:#333
style Switch2 fill:#f9f,stroke:#333
```
- ⤷
What is the maximum operating temperature for the 48AV series?
- ⤷ Are there specific footprints available for PCB layout software?
- ⤷ How does 'Shorting' vs 'Non-shorting' contact types apply to this model?