Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 4816M-R2R-503

  • AI
    The **4816M-R2R-503** is a specific type of passive electronic component known as a **Resistor Network**, specifically an **R-2R Ladder Network**. These components are primarily used in digital-to-analog conversion circuits. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | 4816M-R2R-503 | | **Manufacturer** | Bourns (commonly) | | **Package Type** | Medium Body SOM (Small Outline Molded) | | **Number of Pins** | 16 Pins | | **Circuit Type** | R-2R Ladder | | **Resistance Value** | 50k $\Omega$ (indicated by "503") | | **Tolerance** | Usually ±1% or ±2% | | **Temperature Coefficient** | ±100 ppm/°C | --- ## 2. Deciphering the Part Number The alphanumeric code provides a roadmap of the component's physical and electrical properties: * **48**: Series identifier for Surface Mount (SMT) networks. * **16**: Indicates the number of pins (16-pin package). * **M**: Designates a "Medium Body" width (approx. 0.220" / 5.59mm). * **R2R**: The circuit configuration. Unlike a standard isolated resistor array, these are internally wired as a "ladder" to perform binary weighted division. * **503**: The resistance code. * **50** = first two significant digits. * **3** = multiplier (number of zeros). * Result: **50,000 $\Omega$ (50k $\Omega$)**. --- ## 3. Function and Application ### How it Works The **R-2R Ladder** is a mathematical circuit used to convert a digital string of bits into a proportional analog voltage. It uses only two resistance values: **R** and **2R**. In this specific part, the base resistance is 50k $\Omega$. ### Common Applications 1. **Digital-to-Analog Converters (DACs):** Used to create custom 8-bit or higher resolution DACs using simple GPIO pins from a microcontroller. 2. **Voltage Dividers:** Precise ratiometric voltage division. 3. **Signal Conditioning:** Adjusting gain levels in audio or instrumentation circuits where digital control is required. ### Advantages * **Space Saving:** Consolidates multiple resistors into a single 16-pin chip, reducing PCB footprint. * **Thermal Tracking:** Because all resistors are on the same substrate, they heat up and cool down together, maintaining high precision across temperature changes. * **Matching:** Internal resistors are much more accurately matched than individual discrete resistors. ---
    ✨ Follow-up Questions
    • ⤷ How do you wire an R-2R ladder to a microcontroller for 8-bit DAC output?
    • ⤷ What is the difference between the 4816M (Medium Body) and 4816P (Standard Body) versions?
    • ⤷ What are the common failure modes of resistor networks in industrial environments?