AI

Based on the part number **47NLDYT-B-R/Q**, this component belongs to a specific family of **Surface Mount Device (SMD) Power Inductors**, typically manufactured by companies like **Chilisin** or **Mag.Layers**.
These are widely used in power management circuits due to their compact size and efficiency.
---
### 1. Technical Specification Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | SMD Shielded Power Inductor |
| **Series** | 47 (Often refers to 4.7mm or specific series dimensions) |
| **Inductance** | Specified by the middle alphanumeric code (likely 4.7µH or 47µH depending on catalog) |
| **Shielding** | Magnetic Resin Shielded (Semi-shielded) |
| **Mounting Type** | Surface Mount (SMT) |
| **Typical Applications** | DC-DC Converters, Smartphones, Notebooks, LED Drivers |
---
### 2. Part Number Breakdown (Generic Industry Logic)
While specific vendor coding can vary slightly, the string follows this general logic:
* **47**: Usually denotes the physical size or series (e.g., 4.0mm x 4.0mm or 4.7mm base).
* **NL / LD**: Indicates "No Lead" (RoHS Compliant) or "Low Profile" design.
* **DYT**: Often refers to the specific material core used (Ferrite core with epoxy resin).
* **B**: Tolerance code (e.g., ±20% or ±30%).
* **R/Q**: Refers to the packaging type (Tape and Reel) and Quality Grade (Automotive vs. Consumer).
---
### 3. Key Electronic Characteristics
1. **Low DCR (DC Resistance):** Designed to minimize power loss as heat, increasing the efficiency of the power supply.
2. **High Saturation Current:** The "Shielded" construction allows the inductor to handle high peak currents without the magnetic core saturating and losing inductance.
3. **Magnetic Shielding:** The component is coated with a magnetic resin. This reduces **Electromagnetic Interference (EMI)**, preventing the inductor from interfering with nearby sensitive components on the PCB.
4. **Durability:** The /Q suffix often indicates a higher reliability standard, sometimes used in automotive infotainment or industrial grade electronics.
---
### 4. Common Use Cases
* **Voltage Regulation:** Used in "Buck" or "Boost" converters to smooth out current.
* **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines.
* **Battery Powered Devices:** Ideal for small electronics where space is limited but high power efficiency is required.
- ⤷
What is the exact inductance value in microhenries for this specific part?
- ⤷ Can this part be used in AEC-Q200 automotive applications?
- ⤷ What are the physical dimensions (L x W x H) of the 47 series housing?