47LPQ-02B-R
AI

The **47LPQ-02B-R** is a specific electronic component, typically categorized as a **Rotary Switch** produced by Grayhill Inc. (a leading manufacturer in optical and mechanical encoders/switches).
Below is a detailed breakdown of its specifications, design, and applications.
---
### 1. Component Overview
The 47LPQ-02B-R belongs to the **Series 47L** family. It is a miniature, PCB-mounted rotary switch designed for low-power signal switching where space and reliability are critical.
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Grayhill Inc. |
| **Series** | 47L (Miniature Rotary) |
| **Number of Poles** | 1 Pole |
| **Number of Positions** | 2 Positions |
| **Termination Style** | PC Mount (Through-hole) |
| **Contact Rating** | Usually rated for low current (e.g., 150mA at 115VAC) |
| **Mounting Type** | Right Angle / Vertical (depending on exact suffix) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 3. Key Electronic Characteristics
* **Logic Level Switching:** This part is primarily used for logic-level signals rather than power switching. It is designed to interface with microcontrollers or low-voltage analog circuits.
* **Contact Material:** Usually features gold-plated or silver-plated contacts to ensure low contact resistance and prevent oxidation over long periods of inactivity.
* **Sealing:** These switches are often "process sealed," meaning they can withstand automated soldering and cleaning processes (washable) without internal contamination.
* **Indexing:** Features a positive "detent" feel, providing tactile feedback to the user when moving between positions.
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **47L** | Series designation (Linear/Rotary Miniature) |
| **PQ** | Package/Mounting style (often refers to PC Mount, Right Angle) |
| **02** | Number of active positions (2-position switch) |
| **B** | Contact type or specific mechanical configuration |
| **-R** | RoHS Compliant (Lead-free) |
---
### 5. Common Applications
* **Industrial Controls:** Setting modes of operation on a control panel.
* **Medical Equipment:** Selecting parameters on portable diagnostic devices.
* **Test & Measurement:** Channel selection or range setting on handheld meters.
* **Telecommunications:** Configuration switches on circuit boards or routers.
---
- ⤷
What are the mechanical dimensions of the 47LPQ-02B-R for PCB layout?
- ⤷ Can this switch be used for high-voltage power applications?
- ⤷ What are the alternative series from Grayhill if I need more than 2 positions?