Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 47LM-140W-R

  • AI
    The **47LM-140W-R** is a specific model of an **AC/DC Power Adapter**, typically utilized as a power supply for networking equipment, industrial displays, or specific computer peripherals. Below is a detailed breakdown of its specifications and electrical characteristics. --- ### 1. General Specifications The 47LM-140W-R is characterized by its high-wattage output in a relatively compact form factor. | Feature | Specification | | :--- | :--- | | **Type** | AC/DC Switching Power Supply (Adapter) | | **Output Power** | 140 Watts (Max) | | **Input Voltage** | 100V - 240V AC (Universal) | | **Frequency** | 50Hz / 60Hz | | **Efficiency** | Often rated Level VI (High Efficiency) | ### 2. Output Characteristics This part is designed to provide stable DC voltage to sensitive electronics. * **Voltage/Amperage:** While specific OEM versions vary, a 140W rating typically corresponds to **24V at 5.8A** or **12V at 11.6A**. * **Connector Type:** Usually features a 4-pin DIN connector or a standard barrel jack, depending on the target device (common in POS systems and industrial monitors). * **Regulation:** Tight voltage regulation to prevent ripple noise from damaging the motherboard of the connected device. ### 3. Internal Protection Circuits As an industrial-grade part, the 47LM-140W-R contains several protective electronic components: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold. 2. **OCP (Over Current Protection):** Prevents damage if the connected device draws more than 140W. 3. **SCP (Short Circuit Protection):** Automatically cuts power if a short is detected to prevent fire or board damage. 4. **OTP (Over Temperature Protection):** Thermal sensors throttle or shut down the unit if internal heat sinks exceed safe operating limits. ### 4. Common Applications This power supply is frequently found in the following environments: * **POS Terminals:** Powering high-end point-of-sale registers and receipt printers. * **Networking:** Supply for high-power PoE (Power over Ethernet) switches. * **Medical/Industrial Monitors:** Providing low-noise power for high-resolution displays. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and connector pinout for this model?
    • ⤷ Is this power supply compatible with medical-grade safety standards (IEC 60601-1)?
    • ⤷ What are the common replacement brands for the 47LM-140W-R?