47LCT-101R-R/Q
AI

The **47LCT-101R-R/Q** refers to a specific series of **surface-mount power inductors** typically manufactured by companies like Allied Components International or similar high-reliability electronic component suppliers. These components are essential for energy storage and filtering in DC-DC power conversion.
---
## 1. Technical Specifications
The part number follows a standardized coding system. Below are the typical characteristics associated with this specific component:
| Characteristic | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 100 $\mu$H | Value denoted by "101" (10 + 1 zero) |
| **Tolerance** | ±20% | Indicated by the "M" or "R" series standard |
| **Package Type** | SMD / SMT | Surface Mount Technology |
| **Core Material** | Ferrite | High-efficiency magnetic core |
| **Shielding** | Shielded | Prevents Electromagnetic Interference (EMI) |
| **Operating Temp** | -40°C to +125°C | Typical automotive/industrial range |
---
## 2. Component Construction
The "47LCT" series is usually a **Shielded Drum Core Inductor**.
* **Winding:** Copper wire wound around a ferrite drum.
* **Shielding:** A ferrite ring or epoxy-resin enclosure surrounds the winding. This minimizes leakage flux, which is critical for dense PCB designs where components are placed close together.
* **Termination:** Lead-free (RoHS compliant) tin-plated terminals for easy soldering.
---
## 3. Applications
This specific inductor is designed for power management circuits where space is limited and efficiency is a priority:
1. **DC-DC Converters:** Used as the energy storage element in Buck (step-down) or Boost (step-up) converters.
2. **Filtering:** Acts as a low-pass filter to smooth out current ripples in power supplies.
3. **Consumer Electronics:** Found in laptops, LED drivers, and handheld devices.
4. **Automotive (Q-Rating):** If the part carries a "Q" suffix, it often denotes **AEC-Q200** qualification, meaning it is tested for high-stress automotive environments.
---
## 4. Part Number Decoding Example
While manufacturer codes vary slightly, the breakdown usually looks like this:
```text
47LCT - 101 R - R / Q
| | | | |
Series Val Tol RoHS Qual
```
* **47LCT:** The physical series (defines length, width, and height).
* **101:** Inductance value ($10 \times 10^1 = 100$ microhenries).
* **R/M:** Tolerance (R often refers to specific radial or reel packaging).
* **-R:** Generally indicates RoHS compliance.
* **-Q:** Often indicates Automotive Grade or High Reliability.
- ⤷
What is the maximum current rating for the 47LCT-101R series?
- ⤷ How does shielding in this inductor affect EMI performance compared to unshielded types?
- ⤷ Are there equivalent replacement parts from other manufacturers like Murata or TDK?