Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 32-R0

  • AI
    Based on the part number **32-R0**, this typically refers to a **0-Ohm Surface Mount Device (SMD) Resistor** in a specific package size (often associated with 0603 or 1206 series depending on the manufacturer's prefix). In the electronics industry, a "32" prefix often denotes the metric code for a **1206 imperial size** component (3.2mm x 1.6mm). --- ## 1. Technical Specifications A "0-Ohm" resistor is essentially a jumper wire in the shape of a resistor. | Parameter | Specification | | :--- | :--- | | **Resistance** | 0 $\Omega$ (Maximum actual resistance < 50m$\Omega$) | | **Tolerance** | Jumper (N/A) | | **Package Size** | 1206 (Metric 3216) | | **Power Rating** | Typically 0.25W (1/4 Watt) | | **Current Rating** | 2A to 6A (Depends on manufacturer) | | **Operating Temp** | -55°C to +155°C | --- ## 2. Why Use a 0-Ohm Resistor? It may seem counterintuitive to use a resistor with no resistance, but they serve critical roles in PCB design: ### A. Automated Assembly Modern Pick-and-Place machines are designed to handle SMD components. Using a 0-ohm resistor instead of a physical wire allows the machine to install "jumpers" at high speeds without manual intervention. ### B. Configuration & Options Engineers use them as "solder jumpers." By placing or removing a 32-R0, you can: * Enable or disable specific features of a circuit. * Change the voltage output of a regulator. * Select between different communication protocols (e.g., I2C vs. SPI). ### C. Circuit Isolation They are used to bridge two different ground planes (e.g., Analog Ground and Digital Ground) at a single point to prevent ground loops and reduce noise. --- ## 3. PCB Layout Considerations When using a 1206 (3216) size part like the 32-R0, the footprint on the PCB should follow these standard dimensions: ```markdown Land Pattern (1206/3216): - Length (L): 3.2mm - Width (W): 1.6mm - Recommended Pad Width: 1.8mm - Gap between Pads: 1.2mm ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current a 1206 0-ohm resistor can typically handle?
    • ⤷ How does a 0-ohm resistor differ from a standard copper trace on a PCB?
    • ⤷ Can a 0-ohm resistor be used as a fuse in low-power circuits?