Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 312-R

  • AI
    The **312-R** typically refers to a high-performance **Silicon Controlled Rectifier (SCR)** or a specific type of thyristor, often found in industrial power control applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The 312-R series is designed for switching high currents and voltages. While specific manufacturers (like IR/Vishay) may have slight variations, the standard parameters are as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thyristor / SCR | | **Maximum RMS Current ($I_{T(RMS)}$)** | 30A - 50A | | **Peak Reverse Voltage ($V_{RRM}$)** | 200V - 1200V (Depending on suffix) | | **Package Type** | TO-208AD (Stud Mount) | | **Trigger Gate Current ($I_{GT}$)** | 40mA - 100mA | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Pinout and Physical Construction The "R" in 312-R often signifies the **Stud Polarity**. In most industrial SCRs: * **Standard:** The stud is the Anode. * **Reverse (R suffix):** The stud is the **Cathode**. ### Connectivity Structure 1. **Stud (Cathode/Anode):** Threaded metal base used for high-current connection and heat sinking. 2. **Thick Wire/Tab:** The opposing power terminal. 3. **Thin Wire:** The **Gate (G)**, used to trigger the device into a conductive state. --- ## 3. Principles of Operation The 312-R acts as a solid-state latching switch. It remains non-conductive until a small pulse of current is applied to the **Gate** terminal. * **Triggering:** Once the gate receives the required current ($I_{GT}$), the device "fires" and allows current to flow from Anode to Cathode. * **Latching:** Unlike a transistor, once triggered, the SCR stays ON even if the gate signal is removed. * **Commutation:** It only turns OFF when the current flowing through it drops below a specific "Holding Current" ($I_H$) or when the voltage across it is reversed (AC cycle crossing zero). --- ## 4. Common Applications Due to its rugged stud-mount design, the 312-R is used in environments requiring high thermal dissipation: * **Motor Controllers:** Controlling the speed of DC motors in industrial machinery. * **Battery Chargers:** Regulating high-current charging sequences. * **Power Supplies:** Used in phase-controlled rectification. * **Welding Equipment:** Managing high-amperage output for arc welding. --- ## 5. Equivalent Replacement Guide If replacing a 312-R, ensure the replacement matches the physical dimensions and the **Stud Polarity**. ```json { "Cross_Reference": [ "NTE5552 (Industrial Equivalent)", "STMicroelectronics T-Series", "Vishay 40RCS Series" ] } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard 312 and the 312-R version?
    • ⤷ How do I test a 312-R SCR using a multimeter?
    • ⤷ What heat sink torque is recommended for stud-mount SCRs?