Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 30LVD33-R

  • AI
    ## Technical Overview of the 30LVD33-R The **30LVD33-R** is a high-voltage ceramic disc capacitor, specifically designed for AC line applications. It belongs to the **LVD Series** produced by Vishay Cera-Mite. These components are primarily used for suppression and decoupling in power electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance Value** | 0.0033 µF (3300 pF) | | **Voltage Rating** | 400 VAC (RMS) / 1000 VDC | | **Tolerance** | ±20% (Standard M tolerance) | | **Dielectric Material** | Y5U (Class II ceramic) | | **Operating Temperature** | -30°C to +125°C | | **Mounting Type** | Through-hole (Radial leads) | --- ### 2. Functional Characteristics * **Self-Healing Properties:** The ceramic dielectric is robust against transient voltage spikes, ensuring long-term reliability in power-connected circuits. * **Safety Rating:** While often used in similar positions to "X/Y" safety capacitors, this specific series is a high-voltage industrial disc capacitor intended for general-purpose AC line filtering. * **Temperature Coefficient:** The **Y5U** dielectric indicates a non-linear capacitance change over temperature. It is most stable near room temperature but can vary significantly at the extremes of its -30°C to +125°C range. --- ### 3. Common Applications The 30LVD33-R is typically found in the following circuit environments: 1. **EMI/RFI Filtering:** Used to suppress electromagnetic interference on incoming AC power lines. 2. **Snubber Circuits:** Protects power semiconductors (like MOSFETs or IGBTs) from high-voltage spikes during switching. 3. **Antenna Coupling:** Used in radio frequency circuits to isolate DC while allowing signal passage. 4. **Bypass/Decoupling:** Filtering noise in high-voltage DC power supplies. --- ### 4. Part Number Breakdown To understand the specific variant, the code can be decoded as follows: | Code Segment | Meaning | | :--- | :--- | | **30** | Diameter/Size Code (Approx. 0.30 - 0.40 inches) | | **LVD** | Series Identifier (Low Voltage/AC Line Disc) | | **33** | Capacitance Value (3300 pF) | | **-R** | RoHS Compliant (Lead-free) | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and lead spacing for the 30LVD33-R?
    • ⤷ Can this capacitor be used as a direct replacement for a Y2 safety-rated capacitor?
    • ⤷ How does the Y5U dielectric compare to X7R in terms of stability?